Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 37 of 79
COMPONENT RECOMMENDATIONS
Crystal
The typical connection for an external crystal (XTAL) is shown
in Figure 31. To ensure minimum current consumption and to
minimize stray capacitances, make connections between the
crystal, capacitors, and ground as close to the ADIN1300 as
possible. Consult individual crystal vendors for recommended
load information and crystal performance specifications.
25MHz
12pF
12pF
ADIN1300
Figure 31. Crystal Oscillator Connection
External Clock Input
If using a single-ended reference clock on XTAL_I/CLK_IN/
REF_CLK, leave XTAL_O open-circuit. This clock must be a
unipolar 2.5 V, 25 MHz sinewave or square wave signal. The
CLK_IN can also be driven by a 1.8 V square wave signal. When
using the RMII MAC interface, a single, 50 MHz reference clock
(REF_CLK) is required, which can be sourced from the MAC
or from an external source.
ADIN1300
Figure 32. External Clock Connection
Magnetics
Galvanic isolation is necessary between any two point-to-point
communication nodes in applications using the Ethernet protocol
to transmit/receive data to protect against faults and transients,
and achieve the best electromagnetic compatibility performance.
Magnetic coupling between the PHY and the RJ45 is the most
common way of achieving this isolation.
The magnetics can be discrete or integrated and there are
strengths and weaknesses to both. Choosing the discrete option
typically occupies more board space, but gives more freedom in
terms of layout, tends to be cheaper than integrated magnetics,
and offers better performance overall.
The integrated approach is a combined RJ45 connector jack with
the magnetics built in, which provides a more compact solution
due to fewer components and, in applications where space is at
a premium, condenses the required footprint, but tends to cost
more. Magnetics cores tend to be smaller and closer to each
other, which can compromise EMC performance, increase the
likelihood of crosstalk, and have impacts on performance by
increasing losses and introducing nonlinear distortion.
For optimum performance, a discrete transformer with
integrated common-mode choke is recommended for use with
the ADIN1300 PHY. The common-mode choke is important
because it attenuates any common-mode signals picked up by
the twisted pair cable from the environment, improving the
signal-to-noise ratio of the system. Transformers with an
autotransformer stage following the common-mode choke
provide additional attenuation of common-mode noise.
The ADIN1300 transmit drivers are voltage mode with on-chip
terminations. Therefore, connect each of the center tap pins on
the transformer on the ADIN1300 side separately to ground
through a 0.1 μF capacitor.
RJ451
MX–
MX+
MCT
75Ω
0.001µF
ADIN1300
PHY1
1ONLY ONE CHANNEL SHOWN
0.1µF
TRANSFORMER1
H5007NL
MDI_0_P
MDI_0_N
MDI_1_P
MDI_1_N
MDI_2_P
MDI_2_N
MDI_3_P
MDI_3_N
Figure 33. Isolation Using Discrete Magnetics, Only One Channel Shown,
Each Channel has Separate Components to Ground
The key considerations for the magnetics are outlined in
Table 29.
Table 29. Magnetics Selection
Parameter
Value
Conditions
Turns Ratio
1CT:1CT
Open-Circuit Inductance
350 μH
Min: 100 mV, 100 kHz, 8 mA
Insertion loss
−1 dB
Max: 0 MHz to 100 MHz
TRANSFORMER
MAGJACK
ADIN1300
RJ45
MDI_0_P
MDI_0_N
MDI_1_P
MDI_1_N
MDI_2_P
MDI_2_N
MDI_3_P
MDI_3_N
Figure 34. Magnetics Connection
POWER REQUIREMENTS
The ADIN1300 has the following three power supply domains
and requires a minimum of two supply sources, 0.9 V and 3.3 V:
•
DVDD_0P9 is the 0.9 V digital core power supply input.
•
AVDD_3P3 is the 3.3 V analog power supply input for the
PHY MDI interface, analog circuitry, crystal oscillator, DLL,
RESET_N, CLK25_REF generation, and LED circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com