Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 26 of 79
Table 21. Hardware Configuration Pins
Configuration Function
Functional Pin/Hardware
Configuration Mnemonic1
Pin Levels
Internal
Pull-Down2
Default
Configuration
PHYAD_0 to PHYAD_3 Configuration
RXD_3/PHYAD_3
2
Yes
PHY Address 0x0
RXD_2/PHYAD_2
2
Yes
RXD_1/PHYAD_1
2
Yes
RXD_0/PHYAD_0
2
Yes
Forced/Advertised PHY Speed, Software
Power-Down Mode after Reset, Downspeed
Enable, Energy Detect Power-Down Mode,
Energy Efficient Ethernet
LINK_ST/PHY_CFG1
4
None
Unknown (external
resistors are
required)
LED_0/COL/TX_ER/PHY_CFG0
4
None
Auto MDIX
GP_CLK/RX_ER/MDIX_MODE
4
None
Unknown (external
resistors are
required)
MAC Interface Selection
RX_CTL/RX_DV/CRS_DV/MACIF_SEL1
2
Yes
RGMII RXC/TXC
2 ns delay
RXC/RX_CLK/MACIF_SEL0
2
Yes
1 Hardware configuration pin is the last pin name in the pin mnemonic.
2 The internal pull-down has a typical value of 45 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com