Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 55 of 79
Bits
Bit Name
Description
Reset
Access
01001: on if collision.
01000: on if full duplex link.
00111: on if activity (transmitting or receiving).
00110: on if receiving.
00101: on if transmitting.
00100: on if link up.
00011: on if 1000BASE-T link, blink if 100BASE-TX.
00010: on if 10BASE-T link.
00001: on if 100BASE-TX link.
00000: on if 1000BASE-T link.
LED Control 3 Register
Address: 0x001D, Reset: 0x1855, Name: LED_CTRL_3
This register provides access to various PHY LED control register bits.
Table 56. Bit Descriptions for LED_CTRL_3
Bits
Bit Name
Description
Reset
Access
[15:14]
LED_PAT_SEL
The LED_PAT_SEL bit field is always 2'b00, allowing the user to program the LED_0
blink pattern via the LED_PAT, LED_PAT_TICK_DUR, and LED_PAT_PAUSE_DUR bit fields.
0x0
R/W
11: reserved.
10: reserved.
01: reserved.
00: read/write access to LED_0 blink pattern registers.
[13:8]
LED_PAT_TICK_DUR
Each bit in the blink pattern bit field (LED_PAT) is driven to the corresponding LED pin
and held for the duration specified in this 6-bit LED pattern duration bit field. The
duration is the value of this register plus 1 multiplied by 8, for example, 8 ms, 16 ms, …
504 ms. The value 63 has a special meaning of 1 ms tick duration. Also see the
LED_PAT_PAUSE_DUR bit field (LED_CTRL_1 register, Address 0x001B). The default
blink is a 0.5 sec on and 0.5 sec off pattern.
0x18
R/W
[7:0]
LED_PAT
The internal LED pattern for LED_0 can be read or written via this field. The LED_PAT_SEL
field selects which set of internal blink pattern registers for LED_0 is accessed. The default
value of the LED pattern is 0x55 and is, therefore, an alternating 0/1 pattern (LED_CTRL_1
register, Address 0x001B). The default blink is a 0.5 sec on and 0.5 sec off pattern.
0x55
R/W
PHY Status 2 Register
Address: 0x001F, Reset: 0x03FC, Name: PHY_STATUS_2
This register provides access to various PHY status register bits.
Table 57. Bit Descriptions for PHY_STATUS_2
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
PAIR_23_SWAP
A 1 indicates that Pair 2 and Pair 3 have been swapped.
0x0
R
13
PAIR_3_POL_INV
A 1 indicates that the polarity on Pair 3 has been inverted.
0x0
R
12
PAIR_2_POL_INV
A 1 indicates that the polarity on Pair 2 has been inverted.
0x0
R
11
PAIR_1_POL_INV
A 1 indicates that the polarity on Pair 1 has been inverted.
0x0
R
10
PAIR_0_POL_INV
A 1 indicates that the polarity on Pair 0 has been inverted.
0x0
R
[9:1]
RESERVED
Reserved.
0x1FE
R
0
B_1000_DSCR_ACQ_ERR
A 1 indicates an error has occurred during the acquisition of the scrambler during
1000BASE-T start-up. This error can occur because the pair skew is too large.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com