Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 47 of 79
Bits
Bit Name
Description
Reset
Access
10
PREF_MSTR_ADV
Prefer Master (or Port Type) Advertisement Bit. This bit is used to indicate the
preference to operate as master (multiport device) or as slave (single port device) if
the MAN_MSTR_SLV_EN_ADV bit (Bit 9), is not set. Usage of this bit is described in
Clause 40.5.2 of IEEE Standard 802.3. Note that the default value of this register
bit is configurable via the hardware configuration pins, which allows the default
operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: multiport device.
0: single port device.
9
FD_1000_ADV
1000BASE-T Full Duplex Advertisement Bit. Note that the default value of this
register bit is configurable via the hardware configuration pins, which allows the
default operation of the PHY to be configured in unmanaged applications.
0x1
R/W
1: advertise PHY is 1000BASE-T full duplex capable.
0: advertise PHY is not 1000BASE-T full duplex capable.
8
HD_1000_ADV
1000BASE-T Half Duplex Advertisement Bit. Note that the default value of this
register bit is configurable via the hardware configuration pins, which allows the
default operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: advertise PHY is 1000BASE-T half duplex capable.
0: advertise PHY is not 1000BASE-T half duplex capable.
[7:0]
RESERVED
Reserved.
0x0
R
Master Slave Status Register
Address: 0x000A, Reset: 0x0000, Name: MSTR_SLV_STATUS
This address corresponds to the master slave status register specified in Clause 40.5.1.1 of IEEE Standard 802.3.
Table 41. Bit Descriptions for MSTR_SLV_STATUS
Bits
Bit Name
Description
Reset
Access
15
MSTR_SLV_FLT
Master/Slave Configuration Fault Bit. When this bit goes high, it latches high until it is
unlatched by reading. This bit self clears on autonegotiation enable or autonegotiation
complete. See Clause 40.5.1.1 of IEEE Standard 802.3 for more details.
0x0
R
1: master slave configuration fault detected.
0: no master slave configuration fault detected.
14
MSTR_RSLVD
Master/Slave Configuration Resolution Bit.
0x0
R
1: local PHY configuration resolved to master.
0: local PHY configuration resolved to slave.
13
LOC_RCVR_STATUS
Local Receiver Status Bit. Defined by the value of LOC_RCVR_STATUS, as described in
Clause 40.4.5.1 of IEEE Standard 802.3.
0x0
R
1: local receiver okay (LOC_RCVR_STATUS = okay).
0: local receiver not okay (LOC_RCVR_STATUS = not okay).
12
REM_RCVR_STATUS
Remote Receiver Status Bit. Defined by the value of REM_RCVR_STATUS as, described in
Clause 40.4.5.1 of IEEE Standard 802.3.
0x0
R
1: remote receiver okay (REM_RCVR_STATUS = okay).
0: remote receiver not okay (REM_RCVR_STATUS = not okay).
11
LP_FD_1000_ABLE
Link Partner 1000BASE-T Full Duplex Ability Bit. This bit is guaranteed to be valid only
when the PAGE_RX_LAT bit (Register 0x0006, Bit 1) has been set to 1.
0x0
R
1: link partner is capable of 1000BASE-T full duplex.
0: link partner is not capable of 1000BASE-T full duplex.
10
LP_HD_1000_ABLE
Link Partner 1000BASE-T Half Duplex Ability Bit. This bit is guaranteed to be valid only
when the PAGE_RX_LAT bit (6.1) has been set to 1.
0x0
R
1: link partner is capable of 1000BASE-T half duplex.
0: link partner is not capable of 1000BASE-T half duplex.
[9:8]
RESERVED
Reserved.
0x0
R
[7:0]
IDLE_ERR_CNT
These idle error count bits contain a cumulative count of the errors detected when the
receiver is receiving idles. See Clause 40.5.1.1 of IEEE Standard 802.3 for more details.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com