Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 50 of 79
PHY Control Status 2 Register
Address: 0x0015, Reset: 0x0000, Name: PHY_CTRL_STATUS_2
This register provides access to various PHY control and status registers, in particular autonegotiation controls and energy detect power-
down control and status bits.
Table 48. Bit Descriptions for PHY_CTRL_STATUS_2
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
NRG_PD_EN
Setting this bit enables energy detect power-down. If there is no signal energy detected for
a number of seconds, the PHY enters energy detect power-down mode. Note that the
default value of this register bit is configurable via the hardware configuration pins. This
allows the default operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: enable energy detect power-down mode.
0: disable energy detect power-down mode.
2
NRG_PD_TX_EN
When this bit is set, the PHY periodically wakes up when in energy detect power-down and
transmits a number of pulses. This is to avoid a lock up situation where the PHYs on both
ends of the line are in energy detect power-down mode. Note that the default value of this
register bit is configurable via the hardware configuration pins. This allows the default
operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: enable periodic transmission of the pulse while in energy detect power-down mode.
0: disable periodic transmission of the pulse while in energy detect power-down mode.
1
PHY_IN_NRG_PD
This status bit indicates that the PHY is in energy detect power-down mode.
0x0
R
1: PHY is in energy detect power-down mode.
0: PHY is not in energy detect power-down mode.
0
RESERVED
Reserved.
0x0
R/W
PHY Control 2 Register
Address: 0x0016, Reset: 0x0308, Name: PHY_CTRL_2
This register provides access to various PHY control registers, for control of clocking, group MDIO access, and autonegotiation.
Table 49. Bit Descriptions for PHY_CTRL_2
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R/W
11
DN_SPEED_TO_100_EN
Setting this bit enables downspeed to 100BASE-TX. Note that autonegotiation must
also be enabled. If the PHY is unable to bring a link up at 1000BASE-T, it automatically
drops down to 100BASE-TX (assuming this speed has been advertised). Note that
the default value of this register bit is configurable via the hardware configuration
pins performing the PHY_CFG1 and PHY_CFG0 functions, which allows the default
operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: enable downspeed to 100BASE-TX.
0: disable downspeed to 100BASE-TX.
10
DN_SPEED_TO_10_EN
Setting this bit enables downspeed to 10BASE-T. Note that autonegotiation must
also be enabled. If the PHY is unable to bring a link up at a high speed, it automatically
drops down to 10BASE-T (assuming this speed has been advertised) if necessary.
0x0
R/W
1: enable downspeed to 10BASE-T.
0: disable downspeed to 10BASE-T.
[9:7]
RESERVED
Reserved.
0x6
R/W
6
GROUP_MDIO_EN
The group MDIO enable register bit may be used to place the PHY in group MDIO
mode. In this mode, the PHY responds to any write or address operation to PHY
address 5'd31 as if it was an access to its own PHY address. It is recommended that
this bit be set only when performing specific sequences and then be cleared again.
0x0
R/W
[5:0]
RESERVED
Reserved.
0x8
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com