Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
ADIN1300
Data Sheet
Rev. 0 | Page 48 of 79
Extended Status Register
Address: 0x000F, Reset: 0x3000, Name: EXT_STATUS
This address corresponds to the extended status register specified in Clause 22.2.4.4 of IEEE Standard 802.3.
Table 42. Bit Descriptions for EXT_STATUS
Bits
Bit Name
Description
Reset
Access
15
FD_1000_X_SPRT
This bit is always zero because the PHY does not support full duplex 1000BASE-X.
0x0
R
14
HD_1000_X_SPRT
This bit is always zero because the PHY does not support half duplex 1000BASE-X.
0x0
R
13
FD_1000_SPRT
This bit is always one because the PHY supports full duplex 1000BASE-T.
0x1
R
12
HD_1000_SPRT
This bit is always one because the PHY supports half duplex 1000BASE-T.
0x1
R
[11:0]
RESERVED
Reserved.
0x0
R
Extended Register Pointer Register
Address: 0x0010, Reset: 0x0000, Name: EXT_REG_PTR
The extended register pointer and extended register data registers provide a mechanism to access the indirect access address map via
directly accessible registers for cases where the station management does not support Clause 45.
Table 43. Bit Descriptions for EXT_REG_PTR
Bits
Bit Name
Description
Reset
Access
[15:0]
EXT_REG_PTR
The extended register pointer and extended register data registers provide an indirect mechanism
to access EMI registers using normal Clause 22 access for cases where the station management
does not support Clause 45. Write the 16-bit register address into the EXT_REG_PTR register.
The EMI register can be read or written by reading or writing the EXT_REG_DATA register. An
EMI register can be directly accessed using Clause 45 access.
0x0
R/W
Extended Register Data Register
Address: 0x0011, Reset: 0x0000, Name: EXT_REG_DATA
The extended register pointer and extended register data registers provide a mechanism to access the indirect access address map via
directly accessible registers for cases where the station management does not support Clause 45.
Table 44. Bit Descriptions for EXT_REG_DATA
Bits
Bit Name
Description
Reset
Access
[15:0]
EXT_REG_DATA
The extended register pointer and extended register data registers provide an indirect
mechanism to access EMI registers using normal Clause 22 access for cases where the station
management does not support Clause 45. See Table 43 for further details.
0x0
R/W
PHY Control 1 Register
Address: 0x0012, Reset: 0x0002, Name: PHY_CTRL_1
This register provides access to various PHY control register bits, in particular for diagnostic clocking control and MDI crossover.
Table 45. Bit Descriptions for PHY_CTRL_1
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
AUTO_MDI_EN
The automatic MDI/MDIX resolution enable register bit allows the automatic cable crossover
feature of the PHY to be controlled. Note that the default value of this register bit is configurable
via a hardware configuration pin, which allows the default operation of the PHY to be
configured in unmanaged applications.
0x0
R/W
1: enable auto MDI/MDIX. Prefer MDI if MAN_MDIX is 1'b0 and prefer MDIX if MAN_MDIX is 1'b1.
0: disable auto MDI/MDIX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com