Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 77 of 79
Subsystem LED_0 Pin Override Control Register
Address: 0xFF41, Reset: 0x0000, Name: GE_IO_LED_A_OR_CNTRL
This register allows the default function of the LED_0 pin to be overridden.
Table 126. Bit Descriptions for GE_IO_LED_A_OR_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
[3:0]
GE_IO_LED_A_OR_CNTRL
This bit field allows the default function of the LED_0 pin to be overridden.
0x0
R/W
1111: LED_0.
1110: LED_0.
1101: LED_0.
1100: LED_0.
1011: LED_0.
1010: LED_0.
1001: reserved.
1000: reserved.
0111: LED_0.
0110: TX_ER.
0101: COL.
0100: CRS.
0011: receive start of packet indication.
0010: transmit start of packet indication.
0001: link status.
0000: default function, LED_0. When configured for MII MAC interface with EEE
advertisement disabled from the hardware configuration pins, the default function
is COL. When configured for MII MAC interface with EEE advertisement enabled
from the hardware pin configuration, the default function is TX_ER. In all other
cases, the default is LED_0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com