Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
Data Sheet
ADIN1300
Rev. 0 | Page 49 of 79
Bits
Bit Name
Description
Reset
Access
9
MAN_MDIX
When this bit is set and the AUTO_MDI_EN bit is clear, the PHY operates in the MDIX
configuration. In this configuration, no crossover is implemented and the logical pairs of the
PCS correspond to the physical pairs of the AFE. When this bit is clear and the AUTO_MDI_EN
bit is clear, the PHY operates in the MDI configuration and crossovers the pairs. If the
AUTO_MDI_EN bit is set, the MAN_MDIX bit determines the MDI or MDIX preference option.
0x0
R/W
1: operate in MDIX configuration.
0: operate in MDI configuration.
[8:3]
RESERVED
Reserved.
0x0
R
2
DIAG_CLK_EN
Enable PHY Diagnostics Clock. This clock is required for certain diagnostic functions within
the PHY, for example, the frame generator/checker.
0x0
R/W
1: enable PHY diagnostics clock.
0: disable PHY diagnostics clock.
[1:0]
RESERVED
Reserved.
0x2
R/W
PHY Control Status 1 Register
Address: 0x0013, Reset: 0x1041, Name: PHY_CTRL_STATUS_1
This register provides access to PHY loopback control bits.
Table 46. Bit Descriptions for PHY_CTRL_STATUS_1
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R/W
12
LB_ALL_DIG_SEL
Setting this bit selects all digital loopback. This loops the data within the PHY at the analog/
digital boundary so that data received on the MAC interface TXD_x pins is looped back to
the RXD_x pins. This requires the IEEE loopback bit (Register 0x0000, Bit 14) to be set.
0x1
R/W
11
RESERVED
Reserved.
0x0
R
10
LB_LD_SEL
Setting this bit selects line driver loopback. If this register bit is set, every time the loopback
bit is set the PHY enters line driver loopback mode. In line driver loopback mode, leave the
MDI pins open to create a large impedance mismatch. The PHY can then operate by
receiving the reflection from its own transmission.
0x0
R/W
9
LB_REMOTE_EN
Setting this bit enables remote loopback. This requires a link up with a remote PHY and it
loops the data received from the remote PHY back to the remote PHY using all of the
digital and analog circuitry of the PHY.
0x0
R/W
8
ISOLATE_RX
Setting this bit suppresses data being sent to the MAC during loopback.
0x0
R/W
7
LB_EXT_EN
Setting this bit enables external cable loopback. This requires an external cable with Pair 0
and Pair 1 and Pair 2 and Pair 3 shorted together to provide an analog loopback at the end
of the cable. All of the digital and analog circuitry of the PHY and the signal processing is
adjusted so that the transmitted signal is not cancelled. The IEEE loopback bit
(Register 0x0000, Bit 14) must not be set.
0x0
R/W
6
LB_TX_SUP
Setting this bit suppresses the transmit signal at the MDI pins in all digital loopback.
0x1
R/W
[5:1]
RESERVED
Reserved.
0x0
R
0
LB_MII_LS_OK
Setting this bit sets the link status signal to okay during MII loopback.
0x1
R/W
Receive Error Count Register
Address: 0x0014, Reset: 0x0000, Name: RX_ERR_CNT
The receive error counter register is used to access the receive error counter associated with the frame checker in the PHY.
Table 47. Bit Descriptions for RX_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
RX_ERR_CNT
This is the receive error counter associated with the frame checker in the PHY. Note that this bit
is self clearing upon reading.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com