Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 112 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 112 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 108Page - Analog Devices LTM4686BEVPBF Datasheet HTML 109Page - Analog Devices LTM4686BEVPBF Datasheet HTML 110Page - Analog Devices LTM4686BEVPBF Datasheet HTML 111Page - Analog Devices LTM4686BEVPBF Datasheet HTML 112Page - Analog Devices LTM4686BEVPBF Datasheet HTML 113Page - Analog Devices LTM4686BEVPBF Datasheet HTML 114Page - Analog Devices LTM4686BEVPBF Datasheet HTML 115Page - Analog Devices LTM4686BEVPBF Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 130 page
background image
LTM4686B
112
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
STATUS_VOUT
The STATUS_VOUT command returns one byte of VOUT status information.
STATUS_VOUT Message Contents:
BIT
MEANING
7
VOUT overvoltage fault.
6
VOUT overvoltage warning.
5
VOUT undervoltage warning.
4
VOUT undervoltage fault.
3
VOUT_MAX warning.
2
TON_MAX fault.
1
TOFF_MAX warning.
0
Not supported by the LTM4686B (returns 0).
ALERT can be asserted if any of bits[7:1] are set. These may be cleared by writing a 1 to their bit position in STATUS_VOUT, in lieu of a CLEAR_FAULTS
command.
This command has one data byte.
STATUS_IOUT
The STATUS_IOUT command returns one byte of IOUT status information.
STATUS_IOUT Message Contents:
BIT
MEANING
7
IOUT overcurrent fault.
6
Not supported (LTM4686B returns 0).
5
IOUT overcurrent warning.
4:0
Not supported (LTM4686B returns 0).
ALERT can be asserted if any supported bits are set. Any supported bit may be cleared by writing a 1 to that bit position in STATUS_IOUT, in lieu of a
CLEAR_FAULTS command.
This command has one data byte.
STATUS_INPUT
The STATUS_INPUT command returns one byte of VIN (SVIN) status information.
STATUS_INPUT Message Contents:
BIT
MEANING
7
SVIN overvoltage fault.
6
Not supported (LTM4686B returns 0).
5
SVIN undervoltage warning.
4
Not supported (LTM4686B returns 0).
3
Unit off for insufficient SVIN voltage.
2
Not supported (LTM4686B returns 0).
1
Input over current warning.
0
Not supported (LTM4686B returns 0)
ALERT can be asserted if bit 7 is set. Bit 7 may be cleared by writing it to a 1, in lieu of a CLEAR_FAULTS command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com