Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 108 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 108 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 104Page - Analog Devices LTM4686BEVPBF Datasheet HTML 105Page - Analog Devices LTM4686BEVPBF Datasheet HTML 106Page - Analog Devices LTM4686BEVPBF Datasheet HTML 107Page - Analog Devices LTM4686BEVPBF Datasheet HTML 108Page - Analog Devices LTM4686BEVPBF Datasheet HTML 109Page - Analog Devices LTM4686BEVPBF Datasheet HTML 110Page - Analog Devices LTM4686BEVPBF Datasheet HTML 111Page - Analog Devices LTM4686BEVPBF Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 130 page
background image
LTM4686B
108
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
SCRATCHPAD
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
USER_DATA_00
0xB0
OEM reserved. Typically used for part serialization.
R/W Word
N
Reg
Y
NA
USER_DATA_01
0xB1
Manufacturer reserved for LTpowerPlay.
R/W Word
Y
Reg
Y
NA
USER_DATA_02
0xB2
OEM reserved. Typically used for part serialization.
R/W Word
N
Reg
Y
NA
USER_DATA_03
0xB3
A NVM word available for the user.
R/W Word
Y
Reg
Y
0x0000
USER_DATA_04
0xB4
A NVM word available for the user.
R/W Word
N
Reg
Y
0x0000
USER_DATA_00 through USER_DATA_04
These commands are nonvolatile memory locations for customer storage. The customer has the option to write any
value to the USER_DATA_nn at any time. However, the LTpowerPlay software and contract manufacturers use some of
these commands for inventory control. Modifying the reserved USER_DATA_nn commands may lead to undesirable
inventory control and incompatibility with these products.
These commands have 2 data bytes and are in register format.
IDENTIFICATION
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PMBUS_REVISION
0x98
PMBus revision supported by this device. Current
revision is 1.2.
R Byte
N
Reg
0x22
CAPABILITY
0x19
Summary of PMBus optional communication protocols
supported by this device.
R Byte
N
Reg
0xB0
MFR_ID
0x99
The manufacturer ID of the LTM4686B in ASCII.
R String
N
ASC
LTC
MFR_MODEL
0x9A
Manufacturer part number in ASCII.
R String
N
ASC
“LTM4686 ”*
MFR_SERIAL
0x9E
Serial number of this specific unit in ASCII.
R Block
N
CF
NA
MFR_SPECIAL_ID
0xE7
Manufacturer code representing the LTM4686B.
R Word
N
Reg
0x477X
* The MFR_MODEL value is “LTM4686 ”. The value consists of 8 ASCII characters and the last character is a blank space punctuation character (" "), i.e.,
ASCII code 0x20 or 32d.
PMBus_REVISION
The PMBUS_REVISION command indicates the revision of the PMBus to which the device is compliant. The LTM4686B
is PMBus Version 1.2 compliant in both Part I and Part II.
This read-only command has one data byte.
CAPABILITY
This command provides a way for a host system to determine some key capabilities of a PMBus device.
The LTM4686B supports packet error checking, 400kHz bus speeds, and ALERT pin.
This read-only command has one data byte.
MFR_ID
The MFR_ID command indicates the manufacturer ID of the LTM4686B using ASCII characters.
This read-only command is in block format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com