Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 106 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 106 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 102Page - Analog Devices LTM4686BEVPBF Datasheet HTML 103Page - Analog Devices LTM4686BEVPBF Datasheet HTML 104Page - Analog Devices LTM4686BEVPBF Datasheet HTML 105Page - Analog Devices LTM4686BEVPBF Datasheet HTML 106Page - Analog Devices LTM4686BEVPBF Datasheet HTML 107Page - Analog Devices LTM4686BEVPBF Datasheet HTML 108Page - Analog Devices LTM4686BEVPBF Datasheet HTML 109Page - Analog Devices LTM4686BEVPBF Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 130 page
background image
LTM4686B
106
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_GPIO_PROPAGATE
The MFR_GPIO_PROPAGATE command enables the faults that can cause the GPIOn pin to assert low. The command is
formatted as shown in Table 29. Faults can only be propagated to the GPIOn if they are programmed to respond to faults.
This command has two data bytes.
Table 29. GPIOn Propagate Fault Configuration. The GPIO0 and GPIO1 pins are designed to provide electrical notification of selected events to
the user. Some of these events are common to both output channels. Others are specific to an output channel. They can also be used to share faults
between channels.
BIT(S)
SYMBOL
OPERATION
B[15]
VOUT disabled while not decayed.
This is used in a PolyPhase configuration when bit 0 of the MFR_CHAN_CONFIG is a zero. If the
channel is turned off, by toggling the RUN pin or commanding the part OFF, and then the RUN is
reasserted or the part is commanded back on before the output has decayed, VOUT will not restart
until the 12.5% decay is honored. The GPIOn pin is asserted during this condition if bit 15 is
asserted.
B[14]
Mfr_gpio_propagate_short_CMD_cycle 0: No action
1: Asserts low if commanded off then on before the output has sequenced off. Re-asserts high
120ms after sequence off.
b[13]
Mfr_gpio_propagate_ton_max_fault
0: No action if a TON_MAX_FAULT fault is asserted
1: Associated output will be asserted low if a TON_MAX_FAULT fault is asserted
GPIO0 is associated with page 0 TON_MAX_FAULT faults
GPIO1 is associated with page 1 TON_MAX_FAULT faults
b[12]
Mfr_gpio0_propagate_vout_uvuf,
Mfr_gpio1_propagate_vout_uvuf
Unfiltered VOUT_UV_FAULT_LIMIT comparator output
GPIO0 is associated with channel 0
GPIO1 is associated with channel 1
b[11]
Mfr_gpio0_propagate_int_ot,
Mfr_gpio1_propagate_int_ot
0: No action if the MFR_OT_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the MFR_OT_FAULT_LIMIT fault is asserted
b[10]
Mfr_pwrgd1_en*
0: No action if channel 1 POWER_GOOD is not true
1: Associated output will be asserted low if channel 1 POWER_GOOD is not true
If this bit is asserted, the GPIO_FAULT_RESPONSE must be ignore. If the GPIO_FAULT_
RESPONSE is not set to ignore, the part will latch off and never be able to start.
b[9]
Mfr_pwrgd0_en*
0: No action if channel 0 POWER_GOOD is not true
1: Associated output will be asserted low if channel 0 POWER_GOOD is not true
If this bit is asserted, the GPIO_FAULT_RESPONSE must be ignore. If the GPIO_FAULT_
RESPONSE is not set to ignore, the part will latch off and never be able to start.
b[8]
Mfr_gpio0_propagate_ut,
Mfr_gpio1_propagate_ut
0: No action if the UT_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the UT_FAULT_LIMIT fault is asserted
GPIO0 is associated with page 0 UT faults
GPIO1 is associated with page 1 UT faults
b[7]
Mfr_gpio0_propagate_ot,
Mfr_gpio1_propagate_ot
0: No action if the OT_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the OT_FAULT_LIMIT fault is asserted
GPIO0 is associated with page 0 OT faults
GPIO1 is associated with page 1 OT faults
b[6]
Reserved
b[5]
Reserved
b[4]
Mfr_gpio0_propagate_input_ov,
Mfr_gpio1_propagate_input_ov
0: No action if the VIN_OV_FAULT_LIMIT fault is asserted
1: Associated output will be asserted low if the VIN_OV_FAULT_LIMIT fault is asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com