Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 102 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 102 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 98Page - Analog Devices LTM4686BEVPBF Datasheet HTML 99Page - Analog Devices LTM4686BEVPBF Datasheet HTML 100Page - Analog Devices LTM4686BEVPBF Datasheet HTML 101Page - Analog Devices LTM4686BEVPBF Datasheet HTML 102Page - Analog Devices LTM4686BEVPBF Datasheet HTML 103Page - Analog Devices LTM4686BEVPBF Datasheet HTML 104Page - Analog Devices LTM4686BEVPBF Datasheet HTML 105Page - Analog Devices LTM4686BEVPBF Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 130 page
background image
LTM4686B
102
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Table 25. VOUT_UV_FAULT_RESPONSE Data Byte Contents
BITS DESCRIPTION
VALUE MEANING
7:6
Response
For all values of bits [7:6], the LTM4686B:
• Sets the corresponding fault bit in the status commands and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command
• The output is commanded through the RUNn pin, the OPERATION
command, or the combined action of the RUNn pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTM4686B
00
The PMBus device continues operation without interruption.
(Ignores the fault functionally)
01
The PMBus device continues operation for the delay time
specified by bits [2:0] and the delay time unit specified for
that particular fault. If the fault condition is still present at the
end of the delay time, the unit responds as programmed in the
Retry Setting (bits [5:3]).
10
The device shuts down (disables the output) and responds
according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
5:3
Retry Setting
000–110 The unit does not attempt to restart. The output remains
disabled until the fault is cleared until the device is commanded
OFF bias power is removed.
111
The PMBus device attempts to restart continuously, without
limitation, until it is commanded OFF (by the RUNn pin or
OPERATION command or both), bias power is removed, or
another fault condition causes the unit to shut down without
retry. Note: The retry interval is set by the MFR_RETRY_DELAY
command.
2:0
Delay Time
XXX
The delay time in 10µs increments. This delay time determines
how long the controller continues operating after a fault is
detected. Only valid for deglitched off state.
TON_MAX_FAULT_RESPONSE
The TON_MAX_FAULT_RESPONSE command instructs the device on what action to take in response to a TON_MAX
fault. The data byte is in the format given in Table 28.
The device also:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the TON_MAX_FAULT bit in the STATUS_VOUT command, and
• Notifies the host by asserting ALERT pin, unless masked.
• A value of 0 disables the TON_MAX_FAULT_RESPONSE. It is not recommended to use 0.
This command has one data byte.
Fault Responses Output Current
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
IOUT_OC_FAULT_RESPONSE
0x47
Action to be taken by the device when an
output overcurrent fault is detected.
R/W Byte
Y
Reg
Y
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com