Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 103 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 103 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 99Page - Analog Devices LTM4686BEVPBF Datasheet HTML 100Page - Analog Devices LTM4686BEVPBF Datasheet HTML 101Page - Analog Devices LTM4686BEVPBF Datasheet HTML 102Page - Analog Devices LTM4686BEVPBF Datasheet HTML 103Page - Analog Devices LTM4686BEVPBF Datasheet HTML 104Page - Analog Devices LTM4686BEVPBF Datasheet HTML 105Page - Analog Devices LTM4686BEVPBF Datasheet HTML 106Page - Analog Devices LTM4686BEVPBF Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 130 page
background image
LTM4686B
103
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
IOUT_OC_FAULT_RESPONSE
The IOUT_OC_FAULT_RESPONSE command instructs the device on what action to take in response to an output
overcurrent fault. The data byte is in the format given in Table 26.
The device also:
• Sets the IOUT_OC bit in the STATUS_BYTE
• Sets the IOUT bit in the STATUS_WORD
• Sets the IOUT Overcurrent Fault bit in the STATUS_IOUT command, and
• Notifies the host by asserting ALERT pin, unless masked.
This command has one data byte.
Table 26. IOUT_OC_FAULT_RESPONSE Data Byte Contents
BITS DESCRIPTION
VALUE MEANING
7:6 Response
For all values of bits [7:6], the LTM4686B:
• Sets the corresponding fault bit in the status commands and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command
• The output is commanded through the RUNn pin, the OPERATION
command, or the combined action of the RUNn pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTM4686B.
00
The LTM4686B continues to operate indefinitely while
maintaining the output current at the value set by IOUT_OC_
FAULT_LIMIT without regard to the output voltage (known as
constant-current or brick-wall limiting).
01
Not supported.
10
The LTM4686B continues to operate, maintaining the output
current at the value set by IOUT_OC_FAULT_LIMIT without
regard to the output voltage, for the delay time set by bits [2:0].
If the device is still operating in current limit at the end of the
delay time, the device responds as programmed by the Retry
Setting in bits [5:3].
11
The LTM4686B shuts down immediately and responds as
programmed by the Retry Setting in bits [5:3].
5:3 Retry Setting
000–110 The unit does not attempt to restart. The output remains
disabled until the fault is cleared by cycling the RUNn pin or
removing bias power.
111
The device attempts to restart continuously, without limitation,
until it is commanded OFF (by the RUNn pin or OPERATION
command or both), bias power is removed, or another fault
condition causes the unit to shut down. Note: The retry interval
is set by the MFR_RETRY_DELAY command.
2:0 Delay Time
XXX
The number of delay time units in 16ms increments. This
delay time is used to determine the amount of time a unit is
to continue operating after a fault is detected before shutting
down. Only valid for deglitched off state.
Fault Responses IC Temperature
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_OT_FAULT_RESPONSE
0xD6
Action to be taken by the device when an
internal overtemperature fault is detected.
R Byte
N
Reg
0xC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com