Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 105 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 105 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 101Page - Analog Devices LTM4686BEVPBF Datasheet HTML 102Page - Analog Devices LTM4686BEVPBF Datasheet HTML 103Page - Analog Devices LTM4686BEVPBF Datasheet HTML 104Page - Analog Devices LTM4686BEVPBF Datasheet HTML 105Page - Analog Devices LTM4686BEVPBF Datasheet HTML 106Page - Analog Devices LTM4686BEVPBF Datasheet HTML 107Page - Analog Devices LTM4686BEVPBF Datasheet HTML 108Page - Analog Devices LTM4686BEVPBF Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 130 page
background image
LTM4686B
105
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has one data byte.
UT_FAULT_RESPONSE
The UT_FAULT_RESPONSE command instructs the device on what action to take in response to a power stage under-
temperature fault. The data byte is in the format given in Table 28.
The device also:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Undertemperature Fault bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has one data byte.
Table 28. Data Byte Contents: TON_MAX_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE,
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE
BITS DESCRIPTION
VALUE MEANING
7:6 Response
For all values of bits [7:6], the LTM4686B:
• Sets the corresponding fault bit in the status commands, and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command
• The output is commanded through the RUNn pin, the OPERATION
command, or the combined action of the RUNn pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTM4686B
00
The PMBus device continues operation without interruption.
01
Not supported. Writing this value will generate a CML fault.
10
The device shuts down immediately (disables the output) and
responds according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
5:3 Retry Setting
000–110 The unit does not attempt to restart. The output remains disabled
until the fault is cleared until the device is commanded OFF bias
power is removed.
111
The PMBus device attempts to restart continuously, without
limitation, until it is commanded OFF (by the RUNn pin or
OPERATION command or both), bias power is removed, or another
fault condition causes the unit to shut down without retry. Note:
The retry interval is set by the MFR_RETRY_DELAY command.
2:0 Delay Time
XXX
Not supported. Values ignored
FAULT SHARING
Fault Sharing Propagation
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_GPIO_ PROPAGATEn 0xD2
Configuration that determines which faults are
propagated to the GPIOn pins.
R/W Word
Y
Reg
Y
0x7993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com