Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 118 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 118 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 114Page - Analog Devices LTM4686BEVPBF Datasheet HTML 115Page - Analog Devices LTM4686BEVPBF Datasheet HTML 116Page - Analog Devices LTM4686BEVPBF Datasheet HTML 117Page - Analog Devices LTM4686BEVPBF Datasheet HTML 118Page - Analog Devices LTM4686BEVPBF Datasheet HTML 119Page - Analog Devices LTM4686BEVPBF Datasheet HTML 120Page - Analog Devices LTM4686BEVPBF Datasheet HTML 121Page - Analog Devices LTM4686BEVPBF Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 130 page
background image
LTM4686B
118
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
READ_TEMPERATURE_2
The READ_TEMPERATURE_2 command returns the temperature, in degrees Celsius, of the internal sense element.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_DUTY_CYCLE
The READ_DUTY_CYCLE command returns the duty cycle of controller, in percent.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_POUT
The READ_POUT command is a paged reading of the DC/DC converter output power in Watts. The POUT is calculated
based on the most recent correlated output voltage and current readings.
This command has 2 data bytes and is formatted in Linear_5s_11s format.
MFR_VOUT_PEAK
The MFR_VOUT_PEAK command reports the highest voltage, in volts, reported by the READ_VOUT measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_16u format.
MFR_VIN_PEAK
The MFR_VIN_PEAK command reports the highest voltage, in volts, reported by the READ_VIN measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_TEMPERATURE_1_PEAK
The MFR_TEMPERATURE_1_PEAK command reports the highest temperature, in degrees Celsius, reported by the
READ_TEMPERATURE_1 measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_TEMPERATURE_2_PEAK
The MFR_TEMPERATURE_2_PEAK command reports the highest temperature, in degrees Celsius, reported by the
READ_TEMPERATURE_2 measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com