Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BEVPBF Datasheet(PDF) 119 Page - Analog Devices

Part # LTM4686BEVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BEVPBF Datasheet(HTML) 119 Page - Analog Devices

Back Button LTM4686BEVPBF Datasheet HTML 115Page - Analog Devices LTM4686BEVPBF Datasheet HTML 116Page - Analog Devices LTM4686BEVPBF Datasheet HTML 117Page - Analog Devices LTM4686BEVPBF Datasheet HTML 118Page - Analog Devices LTM4686BEVPBF Datasheet HTML 119Page - Analog Devices LTM4686BEVPBF Datasheet HTML 120Page - Analog Devices LTM4686BEVPBF Datasheet HTML 121Page - Analog Devices LTM4686BEVPBF Datasheet HTML 122Page - Analog Devices LTM4686BEVPBF Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
LTM4686B
119
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
MFR_IOUT_PEAK
The MFR_IOUT_PEAK command reports the highest current, in amperes, reported by the READ_IOUT measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_ADC_CONTROL
The MFR_ADC_CONTROL command determines the ADC read back selection. A default value of 0 in the command
runs the standard telemetry loop with all parameters updated in a round robin fashion with a typical latency of 90ms.
The user can command a non-zero value to monitored a single parameter with an approximate update rate of 8ms. This
command has a latency of up to two ADC conversions or approximately 16ms (power stage temperature conversions
may have a latency of up to three ADC conversion or approximately 24ms). Selecting a value of 0x0D will enable a short
round robin loop. This commanded value runs a short telemetry loop only selecting VOUT0, IOUT0, VOUT1 and IOUT1 in a
round robin manner. The round robin typical latency is 27ms. It is recommended the part remain in standard telemetry
mode except for special cases where fast ADC updates of a single parameter is required. The part should be commanded
to monitor the desired parameter for a limited period of time (say, less than a second) then set the command back to
standard round robin mode. If this command is set to any value except standard round robin telemetry (0) all warnings
and faults associated with telemetry other than the selected parameter are effectively disabled and voltage servoing is
disabled. When round robin is reasserted, all warnings and faults and servo mode are re-enabled.
COMMANDED VALUE
TELEMETRY SELECTED
0x00
Standard ADC Round Robin Telemetry
0x01
SVIN
0x02
Reserved
0x03
Reserved
0x04
Internal IC Temperature
0x05
Channel 0 VOUT
0x06
Channel 0 IOUT
0x07
Reserved
0x08
Channel 0 Power Stage-Sensed Temperature
0x09
Channel 1 VOUT
0x0A
Channel 1 IOUT
0x0B
Reserved
0x0C
Channel 1 Power Stage or TSNS1a-Sensed Temperature
0x0D
ADC Short Round Robin
0x0E – 0xFF
Reserved
If a reserved command value is entered, the part will default to Internal IC Temperature and issue a CML[6] fault.
CML[6] faults will continue to be issued by the LTM4686B until a valid command value is entered.
This read/write command has 1 data byte and is formatted in register format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com