Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 16 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 16 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 15Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 16Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
SH88F516(SH88F54/SH89F52)
16
Table 7.13 ADC SFRs
Mnem
Add
Name
POR/WDT/LVR/
PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCON
93H
ADC Control
000-0000
ADON
ADCIF
EC
-
SCH2
SCH1
SCH0
GO/D
----
O
----
N
----
E
----
ADT
94H
ADC Time Configuration
000-0000
TADC2
TADC1
TADC0
-
TS3
TS2
TS1
TS0
ADCH
95H
ADC Channel Configuration
00000000
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
ADDL
96H
ADC Data Low Byte
------00
-
-
-
-
-
-
A1
A0
ADDH
97H
ADC Data High Byte
00000000
A9
A8
A7
A6
A5
A4
A3
A2
Table 7.14 LPD SFR
Mnem
Add
Name
POR/WDT/LVR/
PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LPDCON
B3H
LPD Control
000---00
LPDEN
LPDF
LPDV
-
-
-
LPDS1
LPDS0
Table 7.15 PWM SFRs
Mnem
Add
Name
POR/WDT/LVR/
PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWMxCON
D9H
-DBH
PWMx Control
0000--00
EPWMx
PWMxS
PWMxCK1
PWMxCK0
-
-
PWMxIF
PWMxSS
PWMxP
D1H
-D3H
PWMx Period
00000000
PP.7
PP.6
PP.5
PP.4
PP.3
PP.2
PP.1
PP.0
PWMxD
C1H
-C3H
PWMx Duty
00000000
PD.7
PD.6
PD.5
PD.4
PD.3
PD.2
PD.1
PD.0
(x = 0, 1, 2)
Table 7.16 CMP SFR
Mnem
Add
Name
POR/WDT/LVR/
PIN Reset Value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CMPCONx 91-92H
CMPx Control
00---000
CMPxEN
CMPxIF
-
-
-
CMPxOC
CINxV
COUTx
(x = 0, 1)
Note:- :reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com