Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 53 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 53 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 105 page
background image
SH88F516(SH88F54/SH89F52)
53
Table 8.33 External Interrupt Flag Register
AAH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EXF0
IT4.1
IT4.0
-
-
-
-
-
-
R/W
R/W
R/W
-
-
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
-
-
-
-
Bit Number
Bit Mnemonic
Description
7-6
IT4[1:0]
External interrupt 4 trigger mode selection bit
00: Low Level trigger
01: Trigger on falling edge
10: Trigger on rising edge
11: Trigger on both edge
IT4[1:0] configuration external interrupt 4x for the same trigger mode
Table 8.34 External Interrupt4 Flag Register
D8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EXF1
IF47
IF46
IF45
IF44
IF43
IF42
IF41
IF40
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IF4x
(x = 0-7)
External interrupt4 request flag bit
0: No interrupt pending
1: Interrupt is pending
IF4x is cleared by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com