Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 37 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 37 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
SH88F516(SH88F54/SH89F52)
37
(continue)
Pin No.
Priority Function
Enable bit
TQFP48 QFP44 LQFP44
46
43
43
1
CMP0N
Set CMPEN bit in CMP0CON
2
TXD1
When writing SBUF1 register
3
P1.3
Clear CMPEN bit in CMP0CON and not write SBUF1 register
47
44
44
1
CMP0O
Set CMPEN bit in CMP0CON and set CMPOC bit
2
SS
-------
Set SPEN bit in SPSTA register
(When in slave mode, SPEN = 1, CPHA = 1 and SSDIS = 1, internal
pull-up open automatically)
3
P1.4
Clear CMPEN bit or CMPOC bit in CMP0CON, and clear SPEN bit in
SPSTA register
1
1
1
1
MOSI
Set SPEN bit in SPSTA register
(When in slave mode, SPEN = 1, CPHA = 1 and SSDIS = 1, internal
pull-up open automatically)
2
P1.5
Clear SPEN bit in SPSTA register
2
2
2
1
MISO
Set SPEN bit in SPSTA register
(When in master mode, internal pull-up open automatically)
2
P1.6
Clear SPEN bit in SPSTA register
3
3
3
1
SCK
Set SPEN bit in SPSTA register
(When in slave mode, SPEN = 1, CPHA = 1 and SSDIS = 1, internal
pull-up open automatically)
2
P1.7
Clear SPEN bit in SPSTA register
PORT2:
- INT40 - INT47 (P2.0 - P2.7): external interrupt 4 input
- PWM1/2 (P2.6/P2.7): PWM1/2 output
Table 8.19 PORT2 Share Table
Pin No.
Priority Function
Enable bit
TQFP48 QFP44 LQFP44
21-26
18-23
18-23
1
INT40-45
Set EX4 bit in IEN1 and set EXS40 - 45 bit in IENC
2
P2.0-2.5
Clear EX4 bit in IEN1 or clear EXS40 - 45 corresponding bit in IENC
27-28
24-25
24-25
1
PWM1/2
Set EPWM bit and PWMSS bit in PWM1/2CON
2
INT46-47
Set EX4 bit in IEN1 and set EXS46-47 corresponding bit in IENC
3
P2.6-2.7
Clear EPWM bit and PWMSS bit in PWM1/2CON, and Clear EX4 bit in
IEN1 or clear EXS46 - 47 corresponding bit in IENC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com