Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 6 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 6 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
SH88F516(SH88F54/SH89F52)
6
(continue)
Pin No.
Pin Name
Default Function
TQFP 48
QFP 44
LQFP 44
31
28
28
P4.1
P4.1
32
29
29
N.C
Not connected
33
30
30
AN7/P0.7
P0.7
34
31
31
AN6/P0.6
P0.6
35
32
32
AN5/P0.5
P0.5
36
33
33
AN4/P0.4
P0.4
37
34
34
AN3/P0.3
P0.3
38
35
35
AN2/P0.2
P0.2
39
36
36
AN1/P0.1
P0.1
40
37
37
Vref/AN0/P0.0
P0.0
41
38
38
VDD
VDD
42
39
39
P4.2
P4.2
43
40
40
T2/P1.0
P1.0
44
41
41
T2EX/P1.1
P1.1
45
42
42
CMP0P/RXD1/P1.2
P1.2
46
43
43
CMP0N/TXD1/P1.3
P1.3
47
44
44
CMP0O/ SS
————
/P1.4
P1.4
48
-
-
N.C
Not connected
Note:
1. Pin can be configured as open-drain output for N channel, but Pin voltage can’t be higher than VDD + 0.3V
2. The out most pin function has the highest priority, and the inner most pin function has the lowest priority (Refer to Pin
Configuration Diagram. This means when one pin is occupied by a higher priority function (if enabled) cannot be used as the
lower priority functional pin, even when the lower priority function is also enabled. Until the higher priority function is closed
by software, can the corresponding pin be released for the lower priority function use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com