Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 33 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 33 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 105 page
background image
SH88F516(SH88F54/SH89F52)
33
8.7 I/O Port
8.7.1 Feature
 40 bi-directional I/O ports
 Four selectable I/O mode
 Share with alternative functions
The SH88F516 has 40 bi-directional I/O ports. All I/O can be set as one of 4 modes by PxMy register: Quasi-Bi mode
(Traditional 8051 mode), Push-Pull mode, Input-Only mode and Open-Drain output mode.
I/O reset status can be set by code option as Quasi-Bi mode or Input-Only mode.
In order to improve EMC capability, every input pin has a Schmitt Trigger. Even enter Power-down mode, Schmitt Trigger is
never off.
For SH88F516, some I/O pins can share with alternative functions. There exists a priority rule in CPU to avoid these functions
be conflict when all the functions are enabled. (Refer to Port Share Section for details). Only when the other function is turned
off, it allows setting the corresponding register to change the I/O mode.
Note: When I/O works in other functions, Writing PxMy register will not change the value of PxMy register and I/O mode.
8.7.2 Register
Table 8.15 Port Control Register
E1H-E5H, E9H-EDH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P0M0 (E9H)
P0M07
P0M06
P0M05
P0M04
P0M03
P0M02
P0M01
P0M00
P0M1 (E1H)
P0M17
P0M16
P0M15
P0M14
P0M13
P0M12
P0M11
P0M10
P1M0 (EAH)
P1M07
P1M06
P1M05
P1M04
P1M03
P1M02
P1M01
P1M00
P1M1 (E2H)
P1M17
P1M16
P1M15
P1M14
P1M13
P1M12
P1M11
P1M10
P2M0 (EBH)
P2M07
P2M06
P2M05
P2M04
P2M03
P2M02
P2M01
P2M00
P2M1 (E3H)
P2M17
P2M16
P2M15
P2M14
P2M13
P2M12
P2M11
P2M10
P3M0 (ECH)
P3M07
P3M06
P3M05
P3M04
P3M03
P3M02
P3M01
P3M00
P3M1 (E4H)
P3M17
P3M16
P3M15
P3M14
P3M13
P3M12
P3M11
P3M10
P4M0 (EDH)
P4M07
P4M06
P4M05
P4M04
P4M03
P4M02
P4M01
P4M00
P4M1 (E5H)
P4M17
P4M16
P4M15
P4M14
P4M13
P4M12
P4M11
P4M10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
*
*
*
*
*
*
*
*
*: I/O reset status can be set by code option as Quasi-Bi mode or Input-Only mode (high impedance).
I/O Mode
PxM0n
PxM1n
Description
0
0
Quasi-Bi mode
0
1
Push-Pull mode
1
0
Input-Only mode (high impedance)
1
1
Open-Drain output mode
(x = 0, 1, 2 ,3 or 4; n = 7, 6, 5, 4, 3, 2, 1 or 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com