Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 58 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 58 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 105 page
background image
SH88F516(SH88F54/SH89F52)
58
Table 9.3 PWMx (x = 0-2) Duty Control Register
C1H - C3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWMxD (x=0-2)
PWMxD.7
PWMxD.6
PWMxD.5
PWMxD.4
PWMxD.3
PWMxD.2
PWMxD.1
PWMxD.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
PWMxD[7:0]
PWMx Duty Register
PWM output duty = PWMxD[7:0] X PWM clock
When PWMxP[7:0]
≤ PWMxD[7:0], if PWMS = 0, PWMx output high level
When PWMxP[7:0]
≤ PWMxD[7:0], if PWMS = 1, PWMx output low level
Programming Note:
(1) Set the PWM period/duty cycle by writing proper value to the PWM period control register (PWMP) or PWM duty control
register (PWMD).
(2) Select the PWM output mode (high level valid or low level valid) by writing the PWMS bit in the PWM control register
(PWMCON).
(3) In order to output the desired PWM waveform, enable the PWM module by writing “1” to the EPWMx bit in the PWM control
register (PWMCON).
(4) If the PWM period cycle or duty cycle is to be changed, the writing flow should be followed as described in step 1 or step 2.
The modified reloading counter value will take effect in the next period.
PWMn clock t
PWM
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 01 02 03 04 05 06 07 08
Write [PPn.7, PPn.0] = 0DH
Write [PDn.7, PDn.0] = 07H
PWMn output
(PWMnS = 0)
Period cycle = 0FH x t
PWM
Duty cycle
= 06H x t
PWM
Period cycle = 0DH x t
PWM
Duty cycle
= 06H x t
PWM
Duty cycle
= 07H x t
PWM
n = 0 or 1
PWM output Period or Duty cycle changing example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com