Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 42 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 42 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 105 page
background image
SH88F516(SH88F54/SH89F52)
42
Mode3: Two 8-bit Counter/Timers (Timer0 Only)
In Mode3, Timer0 is configured as two separate 8-bit counter/timers: TH0 and TL0. TL0 is controlled by using the Timer0
control/status bits in TCON and TMOD: TR0, C/T0
———
, GATE0 and TF0. TL0 can use either the system clock or 32.768kHz or an
external input signal as its clock source.
The TH0 is restricted as timer function, system clock is clock source. TH0 is enabled by using the Timer control bit TRx. The
overflow flag TF1 will be set to control Timer interrupt when Timer overflows.
When Timer0 works in Mode3, Timer1 can work in Mode0/1/2, but it can not set the TF1 flag and generate an interrupt.The
overflow of Timer1 can be used to generatr Baud-Rate of serial ports for EUART.TH1 and TL1 can be used as Timer function
only.System clock provides clock source.GATE1 bit is unvalid. And the pull high resistor of T1 input pin is also disabled. Timer1
run control is handled through its mode settings, because TR1 is used by Timer0. When the Timer1 is in Mode0, 1, or 2, Timer1
is enable. When the Timer1 is in Mode3, Timer1 is disable.
When as Timer, system clock or 32.768kHz can be used as clock source of Timer 0 by configuring TCLKS0 bit in TCON1
register. TCLKS0 is valid when selecting 32.768kHz crystal oscillator in code option.
TL0
(8bits)
TF0
Overflow
+
&
C/T0
The Block Diagram of mode3 of Timer0
TH0
(8bits)
TF1
Overflow
Overflow
Flag
Overflow
Flag
Interrupt
Request
Interrupt
Request
0:Switch Off
1:Switch On
0:Switch Off
1:Switch On
T0
GATE0
TR0
TR1
=0
=1
System Clock
32.768kHz
TCLKS0
System Clock
32.768kHz
TCLKS1
INT0
Register
Table 8.22 Timer/Counter x Control Register (x = 0, 1)
88H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7, 5
TFx
x = 0, 1
Timer x overflow flag
0: Timer x no overflow, can be cleared by software
1: Timer x overflow, set by hardware; set by software will cause a timer interrupt
6, 4
TRx
x = 0, 1
Timer x start, stop control bits
0: Stop timer x
1: Start timer x
3, 1
IEx
x = 0, 1
External interrupt x request flag
2, 0
ITx
x = 0, 1
External interrupt x trigger mode select bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com