Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 29 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 29 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
SH88F516(SH88F54/SH89F52)
29
8.5 System Clock and Oscillator
8.5.1 Feature
 5 oscillator types: 32.768kHz crystal, crystal oscillator, ceramic oscillator, external clock and 16.6MHz internal RC
 Built-in 16.6MHz internal RC
 Built-in 32.768kHz speed up circuit
 Built-in system clock prescaler
8.5.2 Clock Definition
SH88F516 have several internal clocks defined as below:
OSCCLK: the oscillator clock is selected from the five oscillator types (32.768kHz crystal, crystal oscillator, ceramic oscillator,
external clock and 16.6MHz internal RC). fOSC is defined as the OSCCLK frequency. tOSC is defined as the OSCCLK period.
WDTCLK: the internal WDT RC clock. fWDT is defined as the WDTCLK frequency. tWDT is defined as the WDTCLK period.
SYSCLK: system clock, the output clock of system clock prescaler. It is the CPU instruction clock. fSYS is defined as the
SYSCLK frequency. tSYS is defined as the SYSCLK period.
8.5.3 Description
SH88F516 has 5 oscillator types: 32.768kHz crystal, crystal oscillator (30kHz-16.6MHz), ceramic Oscillator (30kHz-16.6MHz),
external clock (30kHz-16.6MHz) and internal RC (16.6MHz), which is selected by code option OP_OSC (Refer to code option
section for details). The oscillator generates the basic clock pulse that provides the system clock to supply CPU and on-chip
peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com