Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 44 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 44 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 105 page
background image
SH88F516(SH88F54/SH89F52)
44
8.8.3 Timer2
The Timer 2 is implemented as a 16-bit register accessed as two cascaded data registers: TH2 and TL2. It is controlled by the
register T2CON and T2MOD. The Timer2 interrupt can be enabled by setting the ET2 bit in the IEN0 register. (Refer to Interrupt
Section for details)
The operating modes of Timer2 is similar with Timer0/1. C/T2
———
selects system clock (Timer) or external pin T2 (Counter) as the
timer clock input. Setting TR2 allows Timer 2/Counter 2 Data Register to increment by the selected input.
Timer2 Modes
Timer 2 has 4 operating modes: Capture/Reload, Auto-reload mode with up or down counter, Baud Rate Generator and
Programmable clock-output. These modes are selected by the combination of RCLK, TCLK and CP/RL2.
Timer2 Mode select
C/T2
———
T2OE
DCEN
TR2
CP/RL2 RCLK
TCLK
Mode
X
0
X
1
1
0
0
0
16 bit capture
X
0
0
1
0
0
0
1
16 bit auto-reload timer
X
0
1
1
0
0
0
X
0
X
1
X
1
X
2
Baud-Rate generator
X
1
0
1
X
1
X
0
0
3
Programmable clock-output only
1
X
3
Programmable clock-output, with Baud-rate generator
X
1
X
X
X
0
X
X
X
X
Timer2 stop, the T2EX path still enable
Mode0: 16 bit Capture
In the capture mode, two options are selected by EXEN2 bit in T2CON.
If EXEN2 = 0, Timer 2 is a 16-bit timer or counter which will set TF2 on overflow to generate an interrupt if ET2 is enabled.
If EXEN2 = 1, Timer 2 performs the same operation, but a 1-to-0 transition at external input T2EX also causes the current value
in TH2 and TL2 to be captured into RCAP2H and RCAP2L respectively. In addition, a 1-to-0 transition at T2EX causes bit EXF2
in T2CON to be set. The EXF2 bit, like TF2, can also generate an interrupt if ET2 is enabled.
0:Switch Off
1:Switch On
Block Diagram of 16 bit Capcture mode (Mode 0) of Timer2
Overflow flag
RCAP2H
RCAP2L
TL2
TH2
TF2
EXF2
+
&
0:Switch Off
1:Switch On
External falling
edge flag
Increment Mode
C/T2
=0
=1
Interrupt
Request
System Clock
TR2
EXEN2
CP / RL2
T2EX
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com