Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 91 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 91 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
SH88F516(SH88F54/SH89F52)
91
9.11 Code Option
OP_WDT[7]:
0: Disable WDT function (Default)
1: Enable WDT function
OP_WDTPD[6]:
0: Disable WDT function in Power-Down mode (Default)
1: Enable WDT function in Power-Down mode
Note: When OP_WDT[7] = 1 is available.
OP_WMT[4:3]: (unavailable for 32kHz crystal and Internal RC)
00: longest warm up time (Default)
01: longer warm up time
10: shorter warm up time
11: shortest warm up time
OP_OSC[2:0]:
000: Internal RC (16.6MHz) (Default)
010: External clock (30kHz - 16.6MHz)
011: 32.768kHz crystal oscillator
101: Crystal oscillator (400kHz - 16.6MHz) or Ceramic resonator (2MHz - 16.6MHz)
110: Ceramic resonator (400kHz - 2MHz)
Others: Internal RC (16.6MHz)
OP_LVREN[7]:
0: Disable LVR function (Default)
1: Enable LVR function
OP_LVRLE[6]:
0: 4.3V LVR level 1 (Default)
1: 3.7V LVR level 2
OP_SCM[3]:
0: SCM is invalid in warm up period (Default)
1: SCM is valid in warm up period
OP_IO[0]:
0: IO structure is only input mode after power-on reset
1: IO structure is Quasi-Bi mode after power-on reset (Default)
OP_ISP[7]:
0: Enable ISP function (Default)
1: Disable ISP function
OP_ISPPIN[6]:
0: Enter ISP mode only when P1.0 and P1.1 are connected to GND, simultaneously
1: Enter ISP mode directly regardless the condition of P1.0 and P1.1 (Default)
Note: When OP_ISP[7] = 0 is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com