Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 83 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 83 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
SH88F516(SH88F54/SH89F52)
83
9.5 Low Power Detect (LPD)
9.5.1 Feature
 Low power detect and generate interrupt
 LPD detect voltage is selectable
The low power detect (LPD) is used to monitor the supply voltage and generate an internal flag if the voltage decrease below
the specified value. It is used to inform CPU whether the power is shut off or the battery is used out, so the software may do
some protection action before the voltage drop down to the minimal operation voltage.
9.5.2 Register
Table 9.19 Low Power Detection Control Register
B3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LPDCON
LPDEN
LPDF*
LPDV
-
-
-
LPDS1
LPDS0
R/W
R/W
R/W*
R/W
-
-
-
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
-
-
-
0
0
*: LPDF can only be cleared, it can’t be set.
Bit Number
Bit Mnemonic
Description
7
LPDEN
LPD Enable bit
0: Disable lower power detection
1: Enable lower power detection
6
LPDF
LPD status Flag bit
0: No LPD happened, clear by hardware
1: LPD happened, set by hardware
5
LPDV
LPD Detect Voltage source
0: Detect supply voltage
1: Detect VLPD (P4.7) pin voltage
1-0
LPDS[1:0]
LPD Voltage Select bit
00: 3.7V
01: 3.9V
10: 4.2V
11: 4.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com