Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 77 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 77 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
SH88F516(SH88F54/SH89F52)
77
Table 9.11 EUART1 Control & Status Register
E8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SCON1
SM10
/FE
SM11
/RXOV
SM12
/TXCOL
REN
TB8
RB8
TI
RI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-6
SM1[0:1]
EUART1 Serial mode control bit, when SSTAT = 0
00: mode 0, Synchronous Mode, fixed baud rate
01: mode 1, 8 bit Asynchronous Mode, variable baud rate
10: mode 2, 9 bit Asynchronous Mode, fixed baud rate
11: mode 3, 9 bit Asynchronous Mode, variable baud rate
7
FE1
EUART1 Frame Error flag, when FE1 bit is read, SSTAT1 bit must be set 1
0: No Frame Error, clear by software
1: Frame error occurs, set by hardware
6
RXOV1
EUART1 Receive Over flag, when RXOV1 bit is read, SSTAT1 bit must be set 1
0: No Receive Over, clear by software
1: Receive over occurs, set by hardware
5
SM12
EUART1 Multi-processor communication enable bit (9
th bit ‘1’ checker), when
SSTAT1 = 0
0: In Mode0, baud-rate is 1/12 of system clock
In Mode1, disable stop bit validation check, any stop bit will set RI1 to
generate interrupt
In Mode2 & 3, any byte will set RI1 to generate interrupt
1: In Mode0, baud-rate is 1/4 of system clock
In Mode1, Enable stop bit validation check, only valid stop bit (1) will set RI1 to
generate interrupt
In Mode2 & 3, only address byte (9
th bit = 1) will set RI1 to generate interrupt
5
TXCOL1
EUART1 Transmit Collision flag, when TXCOL1 bit is read, SSTAT1 bit must
be set 1
0: No Transmit Collision, clear by software
1: Transmit Collision occurs, set by hardware
4
REN1
EUART1 Receiver enable bit
0: Receive Disable
1: Receive Enable
3
TB18
The 9th bit to be transmitted in Mode2 & 3 of EUART1, set or clear by software
2
RB18
The 9th bit to be received in Mode1, 2 & 3 of EUART1
In Mode0, RB8 is not used
In Mode1, if receive interrupt occurs, RB8 is the stop bit that was received
In Modes2 & 3 it is the 9
th bit that was received
1
TI1
Transmit interrupt flag of EUART1
0: cleared by software
1: Set by hardware at the end of the 8
th bit time in Mode0, or at the beginning of
the stop bit in other modes
0
RI1
Receive interrupt flag of EUART1
0: cleared by software
1: Set by hardware at the end of the 8
th bit time in Mode0, or during the stop bit
time in other modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com