Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 38 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 38 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 105 page
background image
SH88F516(SH88F54/SH89F52)
38
PORT3:
- RXD0 (P3.0): EUART0 input
- TXD0 (P3.1): EUART0 output
- INT0 (P3.2): external interrupt 0
- INT1 (P3.3): external interrupt 1
- T0 (P3.4): Timer0 external input
- T1 (P3.5): Timer1 external input
- CMP1P (P3.6): CMP1 positive input
- CMP1N (P3.7): CMP1 negative input
- CMP1O (P3.5): CMP1 output
Table 8.20 PORT3 Share Table
Pin No.
Priority Function
Enable Bit
TQFP48 QFP44 LQFP44
5
5
5
1
RXD0
Set REN0 bit in SCON0 register
2
P3.0
Clear REN0 bit in SCON0 register
7
7
7
1
TXD0
When writing SBUF0 register
2
P3.1
When SBUF0 register is not written
8
8
8
1
INT0
Set EX0 bit in IEN0 register
2
P3.2
Clear EX0 bit in IEN0 register
9
9
9
1
INT1
Set EX1 bit in IEN0 register
2
P3.3
Clear EX1 bit in IEN0 register
10
10
10
1
T0
Set TR0 bit in TCON register and set C/T0 bit in TMOD register
2
P3.4
Clear TR0 bit in TCON register and clear C/T0 bit in TMOD register
11
11
11
1
CMP1O
Set CMPEN bit and CMPOC bit in CMP1CON
2
T1
Set TR1 bit in TCON register and set C/T1 bit in TMOD register
3
P3.5
Clear CMPEN bit and CMPOC bit in CMP1CON,and clear TR1 bit in
TCON register or clear C/T1 bit in TMOD register
12
12
12
1
CMP1P
Set CMPEN bit in CMP1CON
2
P3.6
Clear CMPEN bit in CMP1CON
13
13
13
1
CMP1N
Set CMPEN bit in CMP1CON
2
P3.7
Clear CMPEN bit in CMP1CON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com