Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 90 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 90 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
SH88F516(SH88F54/SH89F52)
90
9.10 Warm-up Timer
9.10.1 Feature
 Built-in power on warm-up counter to eliminate unstable state of power on
 Built-in oscillator warm-up counter to eliminate unstable state when oscillation startup
SH88F516 has a built-in power warm-up counter; it is designed to eliminate unstable state after power on or to do some internal
initial operation such as read customer option etc.
SH88F516 has also a built-in oscillator warm-up counter, it is designed to eliminate unstable state when oscillator starts
oscillating in the following conditions: Power-on reset, Pin reset, LVR reset, Watchdog Reset and Wake up from Power-down
mode.
After power-on, SH88F516 will start power warm-up procedure first, and then oscillator warm-up procedure.
Power Warm-up Time
Power On Reset/
Pin Reset/
Low Voltage Reset
WDT Reset
(Not in Power-Down Mode)
WDT Reset
(Wakeup from Power-Down
Mode)
Wakeup from Power-Down
Mode
(Only for interrupt)
TPWRT
OSC
Warm up
TPWRT
OSC
Warm up
TPWRT
OSC
Warm up
TPWRT
OSC
Warm up
11ms
YES
1000CKs
NO
11ms
YES
1000CKs
NO
OSC Warm-up Time
Option:
OP_WMT
Oscillator Type
00
01
10
11
Ceramic
2
13 X Tosc
2
11 X Tosc
2
9 X Tosc
2
7 X Tosc
Crystal
2
17 X Tosc
2
15 X Tosc
2
13 X Tosc
2
11 X Tosc
32kHz Crystal
2
13 X Tosc
Internal RC
2
7 X Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com