Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 5 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 5 Page - SINOWEALTH Electronic Ltd

  SH89F52P/044PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 105 page
background image
SH88F516(SH88F54/SH89F52)
5
Table 4.1 Pin Function
Pin No.
Pin Name
Default Function
TQFP 48
QFP 44
LQFP 44
1
1
1
MOSI/P1.5
P1.5
2
2
2
MISO/P1.6
P1.6
3
3
3
SCK/P1.7
P1.7
4
4
4
RST
RST
5
5
5
RXD0/P3.0
P3.0
6
6
6
P4.3
P4.3
7
7
7
TXD0/P3.1
P3.1
8
8
8
INT0
————
/P3.2
P3.2
9
9
9
INT1
————
/P3.3
P3.3
10
10
10
T0/P3.4
P3.4
11
11
11
CMP1O/T1/P3.5
P3.5
12
12
12
CMP1P/P3.6
P3.6
13
13
13
CMP1N/P3.7
P3.7
14
-
-
N.C
Not connected
15
14
14
XTAL2/P4.4
P4.4 or oscillator output pin(controlled by Code Option)
16
-
-
N.C
Not connected
17
15
15
XTAL1/P4.5
P4.5 oscillator input pin(controlled by Code Option)
18
-
-
N.C
Not connected
19
16
16
GND
GND
20
17
17
P4.0
P4.0
21
18
18
TDO/INT40
————
/P2.0
P2.0
22
19
19
TMS/INT41
————
/P2.1
P2.1
23
20
20
TDI/INT42
————
/P2.2
P2.2
24
21
21
TCK/INT43
————
/P2.3
P2.3
25
22
22
INT44
————
/P2.4
P2.4
26
23
23
INT45
————
/P2.5
P2.5
27
24
24
PWM2/INT46
————
/P2.6
P2.6
28
25
25
PWM1/INT47
————
/P2.7
P2.7
29
26
26
PWM0/P4.6
P4.6
30
27
27
VLPD/P4.7
P4.7
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com