Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 39 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 39 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
SH88F516(SH88F54/SH89F52)
39
PORT4:
- XTAL2 (P4.4): oscillator output
- XTAL1 (P4.5): oscillator input
- PWM0 (P4.6): PWM0 output
- VLPD (P4.7): LPD detection voltage input
Table 8.21 PORT4 Share Table
Pin No.
Priority Function
Enable Bit
TQFP48 QFP44 LQFP44
15
14
14
1
XTAL2
Selected by Code Option, when code option is external clock or built-in
RC oscillator, P4.4 is I/O
2
P4.4
Selected by Code Option
17
15
15
1
XTAL1
Selected by Code Option, when code option is built-in RC oscillator,
P4.5 is I/O
2
P4.5
Selected by Code Option
29
26
26
1
PWM0
Set EPWM bit and PWMSS bit in PWM0CON register
2
P4.6
Clear EPWM bit and PWMSS bit in PWM0CON register
30
27
27
1
VLPD
Set ELPD bit and LPDV bit in LPDCON register
2
P4.7
Clear ELPD bit and LPDV bit in LPDCON register
20
17
17
1
P4.0
Default
31
28
28
1
P4.1
Default
42
39
39
1
P4.2
Default
6
6
6
1
P4.3
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com