Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 24 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 24 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
SH88F516(SH88F54/SH89F52)
24
8.4 SSP Function
The SH88F516 provides SSP (Self Sector Programming) function, each sector can be sector erased or programmed by the
user’s code if the selected sector is not be protected. But once sector has been programmed, it cannot be reprogrammed
before sector erase.
The SH88F516 builds in a complex control flow to prevent the code from carelessly modification. If the dedicated conditions are
not met (IB_CON2-5), the SSP will be terminated.
8.4.1 SSP Register
Table 8.4 Memory Page Register for Programming
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
 For program memory block, a sector is 1024 bytes, registers are defined as follows:
Bit Number
Bit Mnemonic
Description
7-2
XPAGE[7:2]
Sector of the flash memory to be programmed, 000000 means sector 0, and so on
1-0
XPAGE[1:0]
High 2 Address of the flash memory sector to be programmed
 For EEPROM-like memory block, a sector is 256 bytes, registers are defined as follows:
Bit Number
Bit Mnemonic
Description
7-2
XPAGE[7:2]
Reserved
1-0
XPAGE[1:0]
For EEPROM-like sector, 00 means sector 0, and so on
Note:
For program memory block, a sector is 1024 bytes;
For EEPROM-like memory block, a sector is 256 bytes.
Table 8.5 Offset of Flash Memory for Programming
FBH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
 For program memory block, a sector is 1024 bytes, registers are defined as follows:
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Low 8 Address of the flash memory sector to be programmed
 For EEPROM-like memory block, a sector is 256 bytes, registers are defined as follows:
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Address of the flash memory sector to be programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com