Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 9 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 9 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 13Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
SH88F516(SH88F54/SH89F52)
9
6.
Product Information
SH88F516: QFP44、LQFP44
Part Num
RAM
(byte)
Flash
(byte)
E2
(byte)
EUARTx
CMPx
ADC
(10bit)
PWMx
Timerx
SPI
ExINT
LPD
Pin
SH88F516
1280
64K
1K
EUART0,1
CMP0,1
AN0-7
PWM0,1,2
Timer0,1,2
Y
2+1(8)
Y
SH88F54: QFP44、TQFP48、LQFP44
Part Num
RAM
(byte)
Flash
(byte)
E2
(byte)
EUARTx
CMPx
ADC
(10bit)
PWMx
Timerx
SPI
ExINT
LPD
Pin
SH88F54
768
16K
512
EUART0,1
CMP0,1
AN0-7
PWM0,1,2
Timer0,1,2
Y
2+1(8)
Y
SH89F52: QFP44、LQFP44
Part Num
RAM
(byte)
Flash
(byte)
E2
(byte)
EUARTx
CMPx
ADC
(10bit)
PWMx
Timerx
SPI
ExINT
LPD
Pin
SH89F52
512
8K
512
EUART0
CMP0
N
PWM0,1,2
Timer0,1,2
Y
2+1(8)
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com