Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 31 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 31 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
SH88F516(SH88F54/SH89F52)
31
8.5.5 Oscillator Type
(1) Crystal Oscillator: 32.768kHz or 400kHz - 16.6MHz
XTAL1
XTAL2
C1
C2
Crystal
(2) Ceramic Oscillator: 400kHz - 16.6MHz
XTAL1
XTAL2
C1
C2
Ceramic
(3) External clock: 30kHz - 16.6MHz
XTAL1
XTAL2
External Clock
(4) Internal RC: 16.6MHz
XTAL1
XTAL2
8.5.6 Capacitor Selection for Oscillator
Ceramic Oscillator
Crystal Oscillator
Frequency
C1
C2
Frequency
C1
C2
455kHz
47-100pF
47-100pF
32.768kHz
5-12.5pF
5-12.5pF
3.58MHz
-
-
8MHz
8-15pF
8-15pF
4MHz
-
-
16MHz
8-15pF
8-15pF
-: Load capacitor has been built in it.
Note:
(1) Capacitor values are used for design guidance only!
(2) These capacitors were tested with the crystals listed above for basic start-up and operation. They are not optimized.
(3) Be careful for the stray capacitance on PCB board, the user should test the performance of the oscillator over the expected
VDD and the temperature range for the application.
Before selecting crystal/ceramic, the user should consult the crystal/ceramic manufacturer for appropriate value of external
component to get best performance, visit http://www.sinowealth.com for more recommended manufactures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com