Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 48 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 48 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 105 page
background image
SH88F516(SH88F54/SH89F52)
48
Register
Table 8.26 Timer2 Control Register
C8H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T
----
2
----
CP/R
----
L
---
2
---
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
TF2
Timer2 overflow flag bit
0: No overflow (Must be cleared by software)
1: Overflow (Set by hardware if RCLK = 0 & TCLK = 0)
6
EXF2
External event input (falling edge) from T2EX pin detected flag bit
0: No external event input (Must be cleared by software)
1: Detected external event input (Set by hardware if EXEN2 = 1)
5
RCLK
EUART0 Receive Clock control bit
0: Timer1 generates receiveing baud-rate
1: Timer2 generates receiveing baud-rate
4
TCLK
EUART0 Transmit Clock control bit
0: Timer1 generates transmitting baud-rate
1: Timer2 generates transmitting baud-rate
3
EXEN2
External event input (falling edge) from T2EX pin used as Reload/Capture
trigger enable/disable control bit
0: Ignore events on T2EX pin
1: Cause a capture or reload when a negative edge on T2EX pin is detected,
when Timer2 is not used as clock of EUART0 (T2EX always has a pull up
resistor)
2
TR2
Timer2 start/stop control bit
0: Stop Timer2
1: Start Timer2
1
C/T2
———
Timer2 Timer/Counter mode selected bit
0: Timer Mode, T2 pin is used as I/O port
1: Counter Mode, the internal pull-up resister is turned on
0
CP/RL2
————
Capture/Reload mode selected bit
0: 16 bits timer/counter with reload function
1: 16 bits timer/counter with capture function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com