Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 98 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 98 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
SH88F516(SH88F54/SH89F52)
98
5V A/D Converter Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VAD
4.5
5.0
5.5
V
Resolution
NR
-
10
-
bit
GND
≤ V
AIN ≤ VREF
A/D Input Voltage*
VAIN
GND
-
VREF
V
A/D Input Resistor
RAIN
2
-
-
M
Ω VIN = 5.0V
Recommended
impedance of analog
voltage source
ZAIN
-
-
10
k
Ω
A/D conversion current
IAD
-
1
3
mA
ADC module operating, VDD = 5.0V
A/D Input current
IADIN
-
-
10
µA
VDD = 5.0V
Differential linearity error
DLE
-
-
±1
LSB
fOSC = 16.6MHz, VDD = 5.0V
Integral linearity error
ILE
-
-
±2
LSB
fOSC = 16.6MHz, VDD = 5.0V
Full scale error
EF
-
±1
±3
LSB
fOSC = 16.6MHz, VDD = 5.0V
Offset error
EZ
-
±0.5
±2
LSB
fOSC = 16.6MHz, VDD = 5.0V
Total Absolute error
EAD
-
-
±3
LSB
fOSC = 16.6MHz, VDD = 5.0V
Total Conversion time**
TCON
14
-
-
tAD
10 bit Resolution, VDD = 5.0V
Note:
1. “
∗” Here the A/D input Resistor is the DC input-resistance of A/D itself.
2. “
∗∗” Be sure that the series resistance connected with ADC input pin is no more than 10kΩ.
Analog Comparator Electrical Characteristics (VDD = 3.6V - 5.5V, GND = 0V, TA = +25°C, fOSC = 30KHz - 16.6MHz, unless
otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input Offset Voltage
|VIO|
-
-
10
mV
Input Common-Mode
Voltage Range
VCM
GND
-
VDD - 1.0
V
Response time
TRES
-
250
500
ns
Comparator enable to
output valid time
TOV
-
-
10
µs
Input leakage current
IIL
-
-
1
µA
0 < VIN < VDD
AC Electrical Characteristics (VDD = 3.6V - 5.5V, GND = 0V, TA = +25°C, fOSC = 30KHz - 16.6MHz, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Oscillator start time
TOSC1
-
1
2
s
fOSC= 32.768kHz
Oscillator start time
TOSC2
-
-
2
ms
fOSC = 16.6MHz
RESET pulse width
tRESET
10
-
-
µs
High active
RESET Pull-high Resistor
RRPH
-
30
-
k
Ω
VDD = 5.0V, VIN = GND
Frequency Stability (RC)*
FRC
-1
-
1
%
VDD = 3.6V - 5.5V, TA = +25°C
-3
-
3
%
VDD = 3.6V - 5.5V, TA = -10°C - +70°C
-5
5
%
VDD = 3.6V - 5.5V, TA = -40°C - +85°C
Note: “
∗” RC frequency stability of ± 1% is for design guidance only and not tested.
Low Voltage Reset Electrical Characteristics (VDD = 3.6V - 5.5V, GND = 0V, TA = +25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
LVR Voltage1
VLVR
4.2
4.3
4.4
V
LVR enabled, VDD = 3.6V - 5.5V
LVR Voltage2
VLVR
3.6
3.7
3.8
V
LVR enabled, VDD = 3.6V - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com