Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 70 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 70 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
SH88F516(SH88F54/SH89F52)
70
Reception is enabled only if REN is high. The serial port actually starts the receiving of serial data, with the detection of a falling
edge on the RxD pin. For this purpose RxD is sampled at the rate of 16 times baud rate. When a falling edge is detected, the
divide-by-16 counter is immediately reset. This helps to align the bit boundaries with the rollovers of the divide-by-16 counter.
The 16 states of the counter divide each bit time into 16ths. The bit detector samples the value of RxD at the 7
th, 8th and 9th
counter state of each bit time. The value accepted is the value that was seen in at least 2 of the 3 samples. This is done for
noise rejection. If the first bit detected after the falling edge of RxD pin is not 0, which indicates an invalid start bit, and the
reception is immediately aborted. The receive circuits are reset and again looks for a falling edge in the RxD line. If a valid start
bit is detected, then the rest of the bits are also detected and shifted into the shift register. After shifting in 9 data bits and the
stop bit, the SBUF and RB8 are loaded and RI is set if the following conditions are met:
1. RI must be 0
2. Either SM2 = 0, or the received 9
th bit = 1 and the received byte accords with Given Address
If these conditions are met, then the 9
th bit goes to RB8, the 8 data bits go into SBUF and RI is set. Otherwise the received
frame may be lost.
At the time, the receiver goes back to looking for another falling edge on the RxD pin. And the user should clear RI by software
for further reception.
Shift CLK
RxD
Bit Sample
D0
D1
D2
D3
D4
D5
D6
D7
D8
Start
Stop
RI
Receive Timing of Mode 2
Mode3: 9-Bit EUART, Variable Baud Rate, Asynchronous Full-Duplex
Mode3 uses transmission protocol of the Mode 2 and baud rate generation of the Mode1.
Timer 1 Overflow
SERIAL
CONTROLLER
TX CLOCK
TX START
TX SHIFT
TI
RI
RX CLOCK
LOAD SBUF
RX START
RX SHIFT
Serial Port Interrupt
CLOCK
SIN
PAROUT
RXD
Read SBUF
Internal
Data Bus
Receive Shift Register
Timer 2 Overflow
1
0
1
0
1
0
16
÷
16
÷
1-TO-0
DETECTOR
Write to SBUF
BIT
DETECTOR
D8
SBUF
RB8
SAMPLE
2
÷
TXD
PARIN
LOAD
CLOCK
SOUT
Internal
Data Bus
Transmit Shift Register
START
D8
TB8
STOP
SMOD
TCLK
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com