Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 56 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 56 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 105 page
background image
SH88F516(SH88F54/SH89F52)
56
8.9.9 External Interrupt Inputs
The SH88F516 has 3 external interrupt inputs. External interrupt0-1 each has one vector address, External interrupt 4 has 8
inputs sharing an interrupt vector address. External interrupt0-1 can be programmed to be level-triggered or edge-triggered by
clearing or setting bit IT1 or IT0 in TCON register. If ITx = 0 (x = 0, 1), external interrupt INTx (x = 0, 1) is triggered by a low level
detected. If ITx = 1 (x = 0, 1), external interrupt INTx (x = 0, 1) is edge triggered. In this mode if consecutive samples of the INTx
(x = 0, 1)pin show a high level in one cycle and a low level in the next cycle, interrupt request flag in register TCON is set,
causing an interrupt request. Since the external interrupt pins are sampled once each machine cycle, an input high or low level
should be held for at least one machine cycle to ensure proper sampling.
If the external interrupt is edge-triggered, the external source has to hold the request pin high for at least one machine cycle,
and then hold it low for at least one machine cycle. This is to ensure that the transition is detected and that interrupt request flag
is set. Notice that IE0-1 is automatically cleared by CPU when the service routine is called.
If the external interrupt is level-triggered, the external source must hold the request active until the requested interrupt is
generated, which will take 2 machine cycles. If the external interrupt is still valid when the interrupt service routine is completed,
another interrupt will be generated. It is not necessary to clear the interrupt flag IEx (x = 0, 1), when the interrupt is triggered by
level, it simply tracks the input pin level.
External interrupt4 has more interrupt trigger modes than INT0/1, operation is similar to INT0/1.
If an external interrupt is enabled when the SH88F516 is put into Power down or Idle mode, the interrupt occurrence will cause
the processor to wake up and resume operation. (Refer to "Power Management" section for details)
Note: IE0-1 is automatically cleared by hardware when the service routine is called while IF40-47 should be cleared by
software.
>1 system clock
>1 system clcok
>2 system clcok
High-Level Threshold
Low-Level Threshold
Low-Level Threshold
8.9.10 Interrupt Summary
Source
Vector Address
Enable bits
Flag bits
Polling Priority
Interrupt number(C51)
Reset
0000h
0 (highest)
-
INT0
0003h
EX0
IE0
1
0
Timer0
000Bh
ET0
TF0
2
1
INT1
0013h
EX1
IE1
3
2
Timer1
001Bh
ET1
TF1
4
3
EUART0
0023h
ES0
RI+TI
5
4
Timer2
002Bh
ET2
TF2+EXF2
6
5
ADC
0033h
EADC
ADCIF
7
6
SPI
003Bh
ESPI
SPIF
8
7
CMP0
0043h
ECMP0
CMP0IF
9
8
EUART1
004Bh
ES1
RI1+TI1
10
9
CMP1
0053h
ECMP1
CMP1IF
11
10
SCM
005Bh
ESCM
SCMIF
12
11
PWM
0063h
EPWM
PWMIF
13
12
INT4
006Bh
EX4
IF47-40
14
13
LPD
0073h
ELPD
LPDF
15 (lowest)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com