Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 22 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 22 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
SH88F516(SH88F54/SH89F52)
22
(2) Overall Erasure
Regardless of the state of the code protection control mode, the overall erasure operation will erase all programs, code
options, the code protection bit, but they will not erase EEPROM-like memory block.
The user must use the following way to complete the overall erasure:
1. Flash programmer in ICP mode send overall erasure instruction to run overall erasure.
2. The SSP mode does not support overall erasure mode.
Note: When SH88F516 enables ISP function (Code Option OP_ISPEN is set as 1, refer to “Code Option” for details), the
last sector (sector 63) can not be erased by overall erase.
(3) Sector Erasure
Sector erasure operations will erase the content of selected sector. The user program (SSP) and Flash programmer can
perform this operation.
For user programs to perform the operation, code protection mode 1 in the selected sector must be forbidden.
For Flash programmer to perform the operation, code protection mode 0 in the selected sector must be forbidden.
The user must use one of the following two ways to complete sector erasure:
1. Flash programmer in ICP mode send sector erasure instruction to run sector erasure.
2. Through the SSP function send sector erasure instruction to run sector erasure (see chapter SSP)
Note: When SH88F516 enables ISP function (Code Option OP_ISPEN is set as 1, refer to “Code Option” for details), the
last sector (sector 63) can not be erased by overall erase.
(4) EEPROM-like Memory Block Erasure
EEPROM-like memory block erasure operations will erase the content in EEPROM-like memory block.The user program
(SSP) and Flash programmer can perform this operation.
The user must use one of the following two ways to complete EEPROM-like memory block erasure:
1. Flash programmer in ICP mode send EEPROM-like memory block erasure instruction to run EEPROM-like memory block
erasure.
2. Through the SSP function send EEPROM-like memory block erasure instruction to run EEPROM-like memory block
erasure (see chapter SSP).
(5) Write/Read Code
Write/read code operation can read or write code from flash memory block.The user program (SSP) and Flash programmer
can perform this operation.
For user programs to perform the operation, code protection mode 1 in the selected sector must be forbidden. Regardless of
the security bit Settings or not, the user program can read/write the sector which contains program itself.
For Flash programmer to perform the operation,code protection mode 0 in the selected sector must be forbidden.
The user must use one of the following two ways to complete write/read code:
1. Flash programmer in ICP mode send write/read code instruction to run write/read code.
2. Through the SSP function send write/read code instruction to run write/read code.
(6) Write/Read EEPROM-like Memory Block
EEPROM-like memory block operation can read or write data from EEPROM-like memory block.The user program (SSP)
and Flash programmer can perform this operation.
The user must use one of the following two ways to complete write/read EEPROM-like memory block:
1. Flash programmer in ICP mode send write/read EEPROM-like memory block instruction to run write/read EEPROM-like
memory block.
2. Through the SSP function send write/read EEPROM-like memory block instruction to run write/read EEPROM-like
memory block.
Flash Memory Block Operation Summary
Operation
ICP
SSP
ISP
Code protection
support
Non support
support
Sector erasure
Support (no security bit)
Support (no security bit)
Support (no security bit)
Overall erasure
support
Non support
support
EEPROM-like memory block erasure
support
support
support
Write/read code
Support (no security bit)
Support (no security bit)
Support (no security bit)
Read/write EEPROM-like memory block
support
support
support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com