Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 67 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 67 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
SH88F516(SH88F54/SH89F52)
67
Any instruction that uses SBUF as a destination register (“write to SBUF” signal) will start the transmission. The next system
clock tells the Tx control block to commence a transmission. The data shift occurs at the falling edge of the SHIFT CLOCK, and
the contents of the transmit shift register is shifted one position to the right. As data bits shift to the right, zeros come in from the
left. After transmission of all 8 bits in the transmit shift register, the Tx control block will deactivates SEND and sets TI (SCON.1)
at the rising edge of the next system clock.
Write to SBUF
D0
D1
D2
D3
D4
D5
D6
D7
RxD
TI
Send Timing of Mode 0
TxD
Reception is initiated by the condition REN (SCON.4) = 1 and RI (SCON.0) = 0. The next system clock activates RECEIVE. The
data latch occurs at the rising edge of the SHIFT CLOCK, and the contents of the receive shift register are shifted one position
to the left. After the receiving of all 8 bits into the receive shift register, the RX control block will deactivates RECEIVE and sets
RI at the rising edge of the next system clock, and the reception will not be enabled till the RI is cleared by software.
RxD
D0
D1
D2
D3
D4
D5
D6
D7
RI
Receive Timing of Mode 0
TxD
Mode1: 8-Bit EUART, Variable Baud Rate, Asynchronous Full-Duplex
This mode provides the 10 bits full duplex asynchronous communication. The 10 bits consist of a start bit (logical 0), 8 data bits
(LSB first), and a stop bit (logical 1). When receiving, the eight data bits are stored in SBUF and the stop bit goes into RB8
(SCON.2). The baud rate in this mode is variable. The serial receive and transmit baud rate can be programmed to be 1/16 of
the Timer1/2 overflow (Refer to Baud Rate Section for details). The functional block diagram is shown below.
Timer 1 Overflow
SERIAL
CONTROLLER
TX CLOCK
TX START
TX SHIFT
TI
RI
RX CLOCK
LOAD SBUF
RX START
RX SHIFT
TXD
PARIN
LOAD
CLOCK
SOUT
CLOCK
SIN
PAROUT
RXD
Read SBUF
Internal
Data Bus
Receive Shift Register
Internal
Data Bus
Timer 2 Overflow
1
0
1
0
1
0
16
÷
16
÷
1-TO-0
DETECTOR
Write to SBUF
BIT
DETECTOR
D8
SBUF
RB8
Transmit Shift Register
STOP
START
SAMPLE
2
÷
SMOD
TCLK
RCLK
Serial Port Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com