Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52P/044PR Datasheet(PDF) 23 Page - SINOWEALTH Electronic Ltd

Part # SH89F52P/044PR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52P/044PR Datasheet(HTML) 23 Page - SINOWEALTH Electronic Ltd

Back Button SH89F52P/044PR Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH89F52P/044PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
SH88F516(SH88F54/SH89F52)
23
8.3.2 Flash Operation in ICP Mode
ICP mode is performed without removing the micro-controller from the system. In ICP mode, the user system must be
power-off, and the programmer can refresh the program memory through ICP programming interface. The ICP programming
interface consists of 6 pins (VDD, GND, TCK, TDI, TMS, TDO).
At first the four JTAG pins (TDO, TDI, TCK, TMS) are used to enter the programming mode. Only after the four pins are inputted
the specified waveform, the CPU will enter the programming mode. For more detail description please refers to the FLASH
Programmer’s user guide.
In ICP mode,all the flash operations are completed by the programmer through 6-wire interface. Since the program signal is
very sensitive, 6 jumpers are needed (VDD, GND, TDO, TDI, TCK, TMS) to separate the program pins from the application
circuit, as show in the following diagram.
MCU
TCK
TDI
TDO
GND
To Application
Circuit
Jumper
Flash
Programmer
V
DD
TMS
When using ICP mode to do operations, the recommended steps are as following:
(1) The jumpers must be open to separate the programming pins from the application circuit before programming.
(2) Connect the programming interface with programmer and begin programming.
(3) Disconnect programmer interface and connect jumpers to recover application circuit after programming is complete.
8.3.3 Using ISP Mode to Download Programs
SH88F516 has 1k BootRom Block. The program in BootRom has been cured in it before leaving factory.Users can download
user program to chips by UART port with corresponding PC software. When using this function, users only need to connect
TXD & RXD of UART port with the corresponding pin of the programmer. If users choose “Enter ISP mode only when P1.0 and
P1.1 are connected to GND, simultaneously. (Default)”, then they must make sure P1.0 and P1.1 are both GND. After that, the
program can be downloaded correctly. See upper computer software instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com