Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics L9396 Datasheet HTML 44Page - STMicroelectronics L9396 Datasheet HTML 45Page - STMicroelectronics L9396 Datasheet HTML 46Page - STMicroelectronics L9396 Datasheet HTML 47Page - STMicroelectronics L9396 Datasheet HTML 48Page - STMicroelectronics L9396 Datasheet HTML 49Page - STMicroelectronics L9396 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
Remote sensor interface
L9396
46/109
DS12539 Rev 6
5.1.1
Wheel speed data register formats
In the wheel speed sensor interface four data registers are used (Remote Sensor Data
Register RS_DATA_RSDR_0- RS_DATA_RSDR_3).
Independent data registers are defined for each wheel speed channel and their contents are
determined by sensor type. Three-level VDA sensors have eight data bits and parity as
shown in the table below. At fast speed not all bits may be transmitted by the sensor: the IC
is able both to process normal or either truncated frames by providing together with data, a
4-bit counter to inform the microcontroller about the number of received valid bits.
For PWM encoded sensors, each pulse length is written to the sensor data register with a
typical resolution of 5 µs per bit. In case of pulse width duration equal to or higher than
1.045 ms, the standstill condition will be recognized and bit 15 in the corresponding register
will be set.
The register is updated when a PWM falling edge is detected; in case of stuck-at 1 of the
PWM signal the register is updated when the counter reaches the overflow value (0x1FF): in
this case the standstill bit not set and the counter in overflow will signal a fault to the
microcontroller.
5.1.2
Testmode
In order to test the input structures of the connected microcontroller, the device features a
wheel speed test mode that allows test patterns to be applied on the four wheel speed
outputs WSOx. The test mode can be entered via SPI and the test patterns can also be
controlled via SPI commands. Test patterns can be composed only of static high or low
signals, which can be selected via SPI. For safety reasons only one channel at a time can
be switched into test mode.
In order to enable testmode it is necessary to write to '1' bit DIAG (bit 4) of register
RS_CTRL. After that the bits of WSS_TEST register select the channel under test and the
state of output pin.
To exit this testmode it is not sufficient to clear to '0' the DIAG bit but, before that, also bits
8:2 of WSS_TEST register (Config range field) must be changed in order not to select any of
the four available outputs.
5.1.3
Wheel Speed SPI Registers
WSI test
WSS_TEST register stores Static Test configurator bit-field.
This register configures a static test for WSI interface. Test consists in transferring TestBit
value on a selected (by Config range) WSI output.
TestBit: Test input value.
Table 20. WSS_TEST register
Addr
Name
Type
Bits = 9
0001111
WSS_TEST
RW
Config Range= 8:2, X:1, TestBit = 0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com