Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 24Page - STMicroelectronics L9396 Datasheet HTML 25Page - STMicroelectronics L9396 Datasheet HTML 26Page - STMicroelectronics L9396 Datasheet HTML 27Page - STMicroelectronics L9396 Datasheet HTML 28Page - STMicroelectronics L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
Power supply
L9396
28/109
DS12539 Rev 6
The state of configuration pins (AI0, AI1 and I_CORE_SH) is latched at power up when
VPREREG voltage exceeds the VPREREG_UV threshold and stays latched until next POR
event.
Microcontroller can monitor the voltage of AI0 and AI1 pins using embedded ADC converter
and latched configuration is available via SPI bits.
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; VPREREG_L(Min) ≤ VPREREG ≤ VPREREG_H(Max).
Table 11. Vcore configuration
AI0
AI1
I_CORE_SH VCORE state VPREREG state
VCORE monitor
Low
Low
High
Enabled
Enabled
VCORE_UV_L,
VCORE_OV_L
Low
High
High
Enabled
Enabled
VCORE_UV_H,
VCORE_OV_H
High
Low
High
Enabled
Enabled
VCOREFDBK_UV,
VCOREFDBK_OV
High
High
High
Disabled
Enabled
Disabled
Don’t care
Don’t care
Low
Disabled
Disabled
Disabled
Table 12. VCORE regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RSH_HI_CURR
Shunt resistor high
current
-
99
100
101
mΩ
RSH_LO_CURR
Shunt resistor low
current
Only in linear mode
327
330
333
mΩ
VCORE FDBK_RES
Feedback resistor
range
-
10
-
100
kΩ
VCOREFDBK_UV
Undervoltage
threshold
Excluding external
voltage divider
accuracy
VCOREFDBK
– 10%
-
VCOREFDBK
– 5%
V
VCOREFDBK_OV
Overvoltage
threshold
Excluding external
voltage divider
accuracy
VCOREFDBK +
5%
-
VCOREFDBK
+ 10%
V
VCORE_UV_L
VCORE low
Undervoltage
threshold
-
2.97
-
3.135
V
VCORE_OV_L
VCORE low
Overvoltage
threshold
-
3.465
-
3.63
V
VCORE_UV_H
VCORE high
Undervoltage
threshold
-
4.5
-
4.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com