Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 27Page - STMicroelectronics L9396 Datasheet HTML 28Page - STMicroelectronics L9396 Datasheet HTML 29Page - STMicroelectronics L9396 Datasheet HTML 30Page - STMicroelectronics L9396 Datasheet HTML 31Page - STMicroelectronics L9396 Datasheet HTML 32Page - STMicroelectronics L9396 Datasheet HTML 33Page - STMicroelectronics L9396 Datasheet HTML 34Page - STMicroelectronics L9396 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
DS12539 Rev 6
31/109
L9396
Power supply
108
Linear configuration
VCORE
Output voltage
Nominal 0.8 V to
5 V Excluding
external voltage
divider accuracy
0.78
-
5.125
V
IVCORE_HI
Output load current
high
RSH_HI_CURR
0.07
-
0.75
A
IVCORE_LO
Output load current
low
RSH_LO_CURR
0.07
-
0.25
A
CVCORE
Output capacitor
-
5
-
40
µF
RCVCORE
Output capacitor
ESR
-0.01
-
0.1
Ω
CVCORE_EMI
Drain output
stability capacitor
-0.1
-
-
µF
CFET
External FET gate
charge
--
-
50
nC
VCOREFDBK
Feedback voltage
Excluding external
voltage divider
accuracy
0.8 -2.5%
-
0.8 + 2.5%
V
dVSR_ac
Line Transient
Response
All line, load;
dt = 10 µs
-5%
-
5%
%
dVLR_ac
Load Transient
Response
All line, load;
dt = 10 µs
-5%
-
5%
%
GCORE_pd
Gate internal pull
down
Not tested,
guaranteed by
design.
100
-
-
kΩ
GCORE_Vclamp
Gate voltage clamp -
8
-
12
V
ICOREL_HI Ilim
High Current
limitation
-0.8
-
1.6
A
ICOREL_HI_OC
High Overcurrent
threshold
-0.8
-
1.6
A
ICOREL_LO Ilim
Low Current
limitation
-
0.26
-
0.48
A
ICOREL_LO_OC
Low Overcurrent
threshold
-
0.26
-
0.48
A
tflt_oc_vcore
Shut down filter
time for short to
ground
Filter time starts to
count from when
current in power
MOS is more than
ICOREL Ilimx
85
100
115
µs
Table 12. VCORE regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com