Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics L9396 Datasheet HTML 61Page - STMicroelectronics L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
General purpose output (GPO) driver
L9396
62/109
DS12539 Rev 6
6
General purpose output (GPO) driver
The device integrates one GPO driver operating in low-side mode. GPO driver can be used
in multiple ways, depending on application needs.
Default configuration uses the GPO output interface to map the internal RSUHx signal on
the GPOD0 pin. In this way, the decoded signal from the RSUHx sensor channel can be
output as voltage information on the GPO output, even without intervention of the
microcontroller. The following assignment matrix can be configured via SPI.
GPO driver can also be configured to operate in ON-OFF mode or in PWM mode setting the
desired duty cycle and frequency (128 Hz nominal) values through SPI register.
The default state of the driver is off. The driver can be activated via SPI.
The driver output structure is designed to stand -1V on its terminals and a +1V reverse
voltage across source and drain. The GPO driver is protected against short circuits and
thermal overload conditions. The driver is switched off if SSM_reset is asserted and the
driver automatically restarts when the fault is cleared.
The device also offers an open load diagnostics while in ON state.
Table 43. Assignment matrix configured via SPI
-
RSUH0 RSUH1 RSUH2 RSUH3
GPOD0_RSU_SEL
GPOD0
√
-
-
-
00 (default)
-√-
-
01
--
√
-
10
---
√
11
Table 44. GPO electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vsat
Output saturation
voltage
Vsat = VGPOD0 – GND;
IGPO0 = 70mA
--
0.5
V
IGPO_LIM
Current Limit
VGPOD0 – GND = 1.5V
80
-
145
mA
IGPO_OC
Overcurrent
VGPOD0 – GND = 1.5V
80
-
145
mA
GPO_ilim_oc_delta
Delta_Ilim_Oc
IGPO_LIM – IGPO_OC
0.1
-
20
mA
IOpenLoad
Open load current
threshold
ON condition
-
-
3
mA
ILKG_GPODx
GPO Output
Leakage Current
Vbattery=VGPOD0=19V;
GPO in OFF condition
-10
-
10
µA
Ireverse
Reverse current
VGPOD0 = -1V
OFF
condition
--
1
mA
TJSD
Thermal Shutdown
-
175
-
200
C
THYS_TSD
-
All states off
5
10
15
°C
CGPO
Load capacitor
Design info
60
100
140
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com