Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
System functional safety implementations
L9396
66/109
DS12539 Rev 6
Proper scaling is necessary for various voltage measurements. The divider ratios vary by
measurement and are summarized by function in the table below.
Table 46. Conversion time
ADC CONFIG NSUM
N
Con. time (all channels)
“000”
1 sample
445 µs
“001”
2 samples
539 µs
“010”
4 samples
728 µs
“011”
8 samples
1106 µs
“100” to “111”
16 samples
1862 µs
Table 47. Divider ratios vary by measurement are summarized by function
Measurements
Divider ratio
22:1
15:1
10:1
7:1
4:1
2:1
1:1
CP
√
-
-
-
-
-
-
VBST
-
√
-
-
-
-
-
GPOD0
-
-
√
--
--
VB
-
-
√
-
-
-
-
VB_SW
-
-
√
-
-
-
-
VBM
-
-
√
-
-
-
-
VDBATT
-
-
√
-
-
-
-
VDS
-
-
√
--
--
PDS
-
-
√
--
--
IGN
-
-
√
--
--
WDTDIS
-
-
-
√
-
-
-
RSUH/L
-
-
-
-
√
-
-
VPREREG
-
-
-
-
√
-
-
VCC5
-
-
-
-
√
-
-
VCC
-
-
-
-
√
-
-
VCORE
-
-
-
-
√
-
-
SCORE
-
-
-
-
√
-
-
VDD
-
-
-
-
√
-
-
VINTA
-
-
-
-
√
-
-
AI[0..4]
-
-
-
-
-
√
-
Bandgap reference
(BGR/BGM)
--
-
-
-
-
√
Temperature sensor
-
-
-
-
-
-
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com