Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics L9396 Datasheet HTML 61Page - STMicroelectronics L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
Remote sensor interface
L9396
60/109
DS12539 Rev 6
VSTGTH
LS short to ground
threshold voltage
-
1.35
1.65
1.95
V
tSTGTH
LS short to ground
detection filter time
-
500
-
600
µs
tBLNKHS
HS diagnostics blanking
time
-
240
-
360
µs
tILIMTHHS
HS short to ground
detection filter time
-
350
-
650
µs
VOH
WSOx Output Voltage
Ioh = -1 mA
VCC-0.5
-
-
V
VOL
WSOx Output Voltage
Iol = 1 mA
-
-
0.4
V
ILKG
WSOx Output Leakage
Tri-state leakage
-10
-
10
µA
tdeglitch
WS deglitch filter time
Configurable by
SPI (4bits)
8
-
15.5
μs
-
Latency time between
receiving sensor data
@RSUHx pin and
reaching VOH on WSOx
pin
Trigger point 80%
of RSux
modulated current)
--
3.625 +
tdeglitch
µs
-
Jitter on Latency time
-
-
-
125
ns
TJSD
Thermal Shutdown
-
175
-
200
C
THYS_TSD
--
5
10
15
°C
Table 41. WSS configuration (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Table 42. Tracking regulation configuration
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IRSUH0
RSUHx current capability
RSUH0
0
-
120
mA
IRSUH1
RSUHx current capability
RSUH1
0
-
120
mA
CRSUHx
RSUH load capacitance
Design Information
-25%
2.2
+25%
µF
RC_RSUHx
Output capacitor ESR
Design Information
0.01
-
1
Ω
CRSUHx_EXT
External sensor capacitor Design Information
-
-
150
µF
VRSUHx_VCC
Regulated output voltage
-
-20
VCC
+20
mV
VRSUHx_VCC_UV Undervoltage threshold
-
VCC
- 10%
-
VCC
- 5%
V
VRSUHx_VCC_OV Overvoltage threshold
-
VCC
+ 5%
-
VCC
+ 10%
V
VRSUHx_VCC5
Regulated output voltage
-
-20
VCC5
+20
mV
VRSUHx_VCC5_UV Undervoltage threshold
-
VCC5
- 10%
-
VCC5
- 5%
V
VRSUHx_VCC5_OV Overvoltage threshold
-
VCC5
+ 5%
-
VCC5
+ 10%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com