Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics L9396 Datasheet HTML 61Page - STMicroelectronics L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
DS12539 Rev 6
59/109
L9396
Remote sensor interface
108
ground with a resistance ≤ 7 kΩ will be detected as short condition while a short with a
resistance ≥ 19 kΩ will not be detected. This kind of diagnostic is present only when channel
is in OFF state.
The current sense is carried out in the low side through RSULx(x=0,1,2,3). The sensor
interface implements either the detection of a leakage to battery or RSUHx condition, that
will possibly raise the sensor current level. The channel in this condition is not shutdown.
5.4
Electrical characteristics
Table 41. WSS configuration
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CRSUHx
RSUHx load
capacitance
Design Information
6
-
-
nF
CRSULx
RSULx capacitance
Design Information
-
-
30.8
nF
RRSUx
Output resistance
High side + low
side Up to ILIMTH
4.75
-
30
Ω
IBO
Base Current
Auto-adjusting
option (default
value)
-9%
7
+9%
mA
ITH1
7 mA / 14 mA detection
-
-9%
9.8
+9%
mA
ITH2_RISE
14 mA / 28 mA rising
edge detection
-
-9%
19.8
+9%
mA
ITH2_FALL
14 mA / 28 mA falling
edge detection
-
-9%
13.6
+9%
mA
ITHOPEN
Open sensor detection
VRSULx=OPEN
1.0
-
3.5
mA
tOPEN_DET
Open sensor detection
filter time
-
11
-
15
µs
ITHVBATP
Leakage to VBATP or
RSUHx threshold
VRSULx= VRSUHx,
-15%
23
+15%
mA
tLEAKBAT_DET
Leakage to VBATP or
RSUHx filter time
-97
-
110
µs
ILIMTHHS
Output Current Limit
High side
-80
-
-33
mA
IOCTHHS
Overcurrent threshold
High side
-80
-
-31
mA
ILIMTHLS
Output Current Limit
Low side
35
-
80
mA
IOCTHLS
Overcurrent threshold
Low side
35
-
80
mA
VRSUHxSTB
Output Short to Battery
Threshold
-
10.0
-
100
mV
ISTBTH
Static reverse current
into VPREREG
VRSUHx >
VVPREREG +
VRSUHxSTB
0.0
-
1
mA
IRSUL_PU
RSULx pull-up current
RSULx=OFF
0V < VRSULx <
VSTGTH
80
-
180
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com