Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 52Page - STMicroelectronics L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
Remote sensor interface
L9396
56/109
DS12539 Rev 6
Bit 3
NODATA: No data in buffer (valid
also for two level STD sensors but
in this case, where data bits are not
expected, this bit is high during
normal communication)
0 => no fault
1 => fault
1
SSM_RESET
LBIST
Bit 2
PULSE OVERFLOW: Pulse
duration counter overflow
(available only for PWM encoded
WSS)
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Bit 1:0
NOT USED
0
SSM_RESET
LBIST
Table 33. RS_DATA_RSDR_4-7 registers
Addr
Name
Type
Bits = 20
0010100
RS_DATA_RSDR_4
RO
For channel 0, See description
0010101
RS_DATA_RSDR_5
RO
For channel 1, See description
0010110
RS_DATA_RSDR_6
RO
For channel 2, See description
0010111
RS_DATA_RSDR_7
RO
For channel 3, See description
Table 34. RS_DATA_RSDR_4-7 registers bit description
Data Field
Description
Reset Value
Reset Event
Bit 19:10
the content of this register is value
of first delta (∆Ith1)
LSB=93.75 µA typ.
0x4B
SSM_RESET
LBIST
Bit 9:0:
In case WSS_READ_CURRENT
bit = 0 the content of this register is
value of base current (IB0); in case
WSS_READ_CURRENT bit = 1 the
content of the register is value of
instantaneous current in RSULx
pin.
In both cases LSB=93.75 µA typ.
0x4A
SSM_RESET
LBIST
Table 32. RS_DATA_RSDR_0-3 registers bit description [Bit 15 = 1] (continued)
Data Field
Description
Reset Value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com